| Zakładka z wyszukiwarką danych komponentów |
|
STM32F401CCU6 Arkusz danych(PDF) 131 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CCU6 Arkusz danych(HTML) 131 Page - STMicroelectronics |
|
131 / 135 page ![]() Revision history STM32F401xB STM32F401xC 131/135 DocID024738 Rev 6 9 Revision history Table 88. Document revision history Date Revision Changes 23-Jul-2013 1 Initial release. 06-Sep-2013 2 Updated product status to production data Added I2C 1 MBit/s in Features Updated Figure 1: Compatible board design for LQFP100 package Added notes and revised the main function after reset columnn Table 8: STM32F401xB/STM32F401xC pin definitions. Replaced ‘I2S2_CKIN’ signal name with ‘I2S_CKIN’ and added EVENTOUT alternate function in Table 8: STM32F401xB/STM32F401xC pin definitions and Table 9: Alternate function mapping Updated Section 3.28: Analog-to-digital converter (ADC) Updated the reference of VESD(CDM) in Table 51: ESD absolute maximum ratings Updated Section 3.20: Inter-integrated circuit interface (I2C), including Table 5: Comparison of I2C analog and digital filters Removed first sentence (“Unless otherwise specified...”) in I2C interface characteristics Changed the order of the tables in Section 6.3.6: Supply current characteristics Modified the “SDA and SCL rise time” fast mode I2C minimum value in Table 59: I2C characteristics Updated Figure 33: I2C bus AC waveforms and measurement circuit and Table 60: SCL frequency (fPCLK1= 42 MHz, VDD = VDD_I2C = 3.3 V) Replaced “Marking of engineering samples” sections with “Marking of samples” sections, and added UFBGA100 device marking section for package UFGBA100 in Section 7: Package information 08-Nov-2013 3 Updated UFBGA100 in Table 86: Package thermal characteristics. Changed WLCSP49 package measurements to 3 x 3 mm in Section 7.1. |