| Zakładka z wyszukiwarką danych komponentów |
|
WM8281ECS/R Arkusz danych(PDF) 145 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R Arkusz danych(HTML) 145 Page - Cirrus Logic |
|
145 / 392 page ![]() WM8281 Rev 4.0 145 Figure 50 shows an example of DSP Mode B format. Six enabled audio channels are shown, with timeslots 4 and 5 unused. LRCLK Slot 0 Slot 1 Slot 2 Slot 3 Slot 4 Slot 5 Slot 6 Slot 7 ... Slot 0 Slot 2 Slot 1 Slot 3 Channel 1 Channel 2 Channel 3 Channel 4 BCLK TXDAT/ RXDAT Slot 6 Slot 7 Channel 5 Channel 6 AIF1[TX1/RX1]_SLOT = 2 AIF1[TX2/RX2]_SLOT = 3 AIF1[TX3/RX3]_SLOT = 0 AIF1[TX4/RX4]_SLOT = 1 AIF1[TX5/RX5]_SLOT = 6 AIF1[TX6/RX6]_SLOT = 7 Figure 50 DSP Mode B Example Figure 51 shows an example of I2S format. Four enabled channels are shown, allocated to timeslots 0 through to 3. LRCLK Slot 0 Slot 2 Slot 4 ... Slot 1 Slot 3 Slot 5 ... Slot 3 Slot 0 Slot 1 Channel 1 Channel 2 Channel 3 Channel 4 BCLK TXDAT/ RXDAT Slot 2 AIF1[TX1/RX1]_SLOT = 0 AIF1[TX3/RX3]_SLOT = 2 AIF1[TX2/RX2]_SLOT = 1 AIF1[TX4/RX4]_SLOT = 3 Figure 51 I2S Example |