Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WC705 Arkusz danych(PDF) 1 Page - Pulse A Technitrol Company

Numer części WC705
Szczegółowy opis  CERAMIC RF CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

WC705 Arkusz danych(HTML) 1 Page - Pulse A Technitrol Company

  WC705 Datasheet HTML 1Page - Pulse A Technitrol Company WC705 Datasheet HTML 2Page - Pulse A Technitrol Company WC705 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WC705.B (12/14)
1
pulseelectronics.com
CERAMIC RF CHIP
INDUCTORS – 0201CC SERIES
Monolithic inorganic material construction
Low DC resistance and high Q Values at
high frequency
High Self Resonant Frequency
Industry Standard 0201 (0603) Surface Mount
Land Pattern
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C
Part
Number
Inductance
(nH)
Standard
Tolerance
Q
(Min.)
Test
Frequency
(MHz)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-0201CC1N0STT
1.0
±0.3nH (S)
4
100
10000
0.11
470
PE-0201CC1N2STT
1.2
±0.3nH (S)
4
100
10000
0.12
450
PE-0201CC1N5STT
1.5
±0.3nH (S)
4
100
10000
0.13
430
PE-0201CC1N8STT
1.8
±0.3nH (S)
4
100
10000
0.16
390
PE-0201CC2N0STT
2.0
±0.3nH (S)
4
100
10000
0.17
380
PE-0201CC2N2STT
2.2
±0.3nH (S)
4
100
8800
0.19
360
PE-0201CC2N4STT
2.4
±0.3nH (S)
4
100
8300
0.20
350
PE-0201CC2N7STT
2.7
±0.3nH (S)
5
100
7700
0.21
340
PE-0201CC3N0STT
3.0
±0.3nH (S)
5
100
7200
0.22
330
PE-0201CC3N3STT
3.3
±0.3nH (S)
5
100
6700
0.23
320
PE-0201CC3N6STT
3.6
±0.3nH (S)
5
100
6400
0.25
310
PE-0201CC3N9STT
3.9
±0.3nH (S)
5
100
6000
0.27
300
PE-0201CC4N3STT
4.3
±0.3nH (S)
5
100
5700
0.30
280
PE-0201CC4N7STT
4.7
±0.3nH (S)
5
100
5300
0.30
280
PE-0201CC5N1STT
5.1
±0.3nH (S)
5
100
5000
0.33
270
PE-0201CC5N6STT
5.6
±0.3nH (S)
5
100
4600
0.36
260
PE-0201CC6N2JTT
6.2
±5% (J)
5
100
4200
0.38
250
PE-0201CC6N8JTT
6.8
±5% (J)
5
100
3900
0.39
250
PE-0201CC7N5JTT
7.5
±5% (J)
5
100
3600
0.41
230
PE-0201CC8N2JTT
8.2
±5% (J)
5
100
3400
0.45
230
PE-0201CC9N1JTT
9.1
±5% (J)
5
100
3200
0.48
220
PE-0201CC100JTT
10
±5% (J)
5
100
2900
0.51
220
PE-0201CC120JTT
12
±5% (J)
5
100
2700
0.68
190
PE-0201CC150JTT
15
±5% (J)
5
100
2300
0.71
180
PE-0201CC180JTT
18
±5% (J)
5
100
2100
0.81
170
PE-0201CC220JTT
22
±5% (J)
5
100
1800
1.0
150
PE-0201CC270JTT
27
±5% (J)
4
100
1800
1.35
120
PE-0201CC330JTT
33
±5% (J)
4
100
1700
1.47
110


Podobny numer części - WC705

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
WC701 PULSE-WC701 Datasheet
2Mb / 28P
   RF Chip Inductors
WC702 PULSE-WC702 Datasheet
641Kb / 3P
   Super Frequency Ceramic RF Chip Inductors
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
WC706 PULSE-WC706 Datasheet
2Mb / 17P
   CHIP FERRITE BEADS
WC707 PULSE-WC707 Datasheet
617Kb / 4P
   Multi-Layer Common Mode Chip Choke
More results

Podobny opis - WC705

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C12NJV4T JOHANSON-L-14C12NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B3N0KV6T JOHANSON-L-05B3N0KV6T Datasheet
229Kb / 3P
   RF ceRaMic chiP inDUcToRs
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com