| Zakładka z wyszukiwarką danych komponentów |
|
OMAP3530ECBBALPD Arkusz danych(PDF) 231 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBALPD Arkusz danych(HTML) 231 Page - Texas Instruments |
|
231 / 265 page ![]() HDQ tHW 1 tHW 0 tCYCH 030-096 HDQ tB tBR 030-095 OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 6-109. Correspondence Standard vs. TI Timing References (continued) TI-OMAP STANDARD-I2C S/F Mode HS Mode I7 th(SCLH-RSTART) TSU;STO TSU;STO I8 tw(SDAH) TBUF 6.6.6 HDQ / 1-Wire Interfaces This module is intended to work with both the HDQ and the 1-Wire protocols. The protocols use a single wire to communicate between the master and the slave. The protocols employ an asynchronous return to 1 mechanism where, after any command, the line is pulled high. 6.6.6.1 HDQ Protocol Table 6-110 and Table 6-111 assume testing over the recommended operating conditions (see Figure 6- 55 through Figure 6-58). Table 6-110. HDQ Timing Requirements PARAMETER DESCRIPTION MIN MAX UNIT tCYCD Bit window 253 μs tHW1 Reads 1 68 tHW0 Reads 0 180 tRSPS Command to host respond time(1) (1) Defined by software. Table 6-111. HDQ Switching Characteristics PARAMETER DESCRIPTION MIN TYP MAX UNIT tB Break timing 193 μs tBR Break recovery 63 tCYCH Bit window 253 tDW1 Sends1 (write) 1.3 tDW0 Sends0 (write) 101 Figure 6-55. HDQ Break (Reset) Timing Figure 6-56. HDQ Read Bit Timing (Data) Copyright © 2008–2013, Texas Instruments Incorporated TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS 231 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |