| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331 Arkusz danych(PDF) 331 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 Arkusz danych(HTML) 331 Page - Microchip Technology |
|
331 / 396 page ![]() 2003 Microchip Technology Inc. Preliminary DS39616B-page 329 PIC18F2331/2431/4331/4431 XORWF Exclusive OR W with f Syntax: [ label ] XORWF f [,d [,a]] Operands: 0 ≤ f ≤ 255 d ∈ [0,1] a ∈ [0,1] Operation: (W) .XOR. (f) → dest Status Affected: N, Z Encoding: 0001 10da ffff ffff Description: Exclusive OR the contents of W with register ‘f’. If ‘d’ is 0, the result is stored in W. If ‘d’ is 1, the result is stored back in the register ‘f' (default). If ‘a’ is 0, the Access Bank will be selected, overriding the BSR value. If ‘a’ is 1, then the bank will be selected as per the BSR value (default). Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read register ‘f’ Process Data Write to destination Example: XORWF REG Before Instruction REG = 0xAF W= 0xB5 After Instruction REG = 0x1A W= 0xB5 |