| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331 Arkusz danych(PDF) 362 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 Arkusz danych(HTML) 362 Page - Microchip Technology |
|
362 / 396 page ![]() PIC18F2331/2431/4331/4431 DS39616B-page 360 Preliminary 2003 Microchip Technology Inc. FIGURE 25-10: CAPTURE/COMPARE/PWM TIMINGS (ALL CCP MODULES) TABLE 25-10: CAPTURE/COMPARE/PWM REQUIREMENTS (ALL CCP MODULES) Note: Refer to Figure 25-4 for load conditions. CCPx (Capture Mode) 50 51 52 CCPx 53 54 (Compare or PWM Mode) Param No. Symbol Characteristic Min Max Units Conditions 50 TccL CCPx input low time No Prescaler 0.5 TCY + 20 — ns With Prescaler PIC18FXX31 10 — ns PIC18LFXX31 20 — ns 51 TccH CCPx input high time No Prescaler 0.5 TCY + 20 — ns With Prescaler PIC18FXX31 10 — ns PIC18LFXX31 20 — ns 52 TccP CCPx input period 3 TCY + 40 N —ns N = prescale value (1,4 or 16) 53 TccR CCPx output fall time PIC18FXX31 — 25 ns PIC18LFXX31 — 45 ns 54 TccF CCPx output fall time PIC18FXX31 — 25 ns PIC18LFXX31 — 45 ns |