| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331 Arkusz danych(PDF) 383 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 Arkusz danych(HTML) 383 Page - Microchip Technology |
|
383 / 396 page ![]() 2003 Microchip Technology Inc. Preliminary DS39616B-page 381 PIC18F2331/2431/4331/4431 APPENDIX E: MIGRATION FROM MID-RANGE TO ENHANCED DEVICES A detailed discussion of the differences between the mid-range MCU devices (i.e., PIC16CXXX) and the enhanced devices (i.e., PIC18FXXX) is provided in AN716, “Migrating Designs from PIC16C74A/74B to PIC18F442.” The changes discussed, while device specific, are generally applicable to all mid-range to enhanced device migrations. This Application Note is available on Microchip’s web site; www.Microchip.com. APPENDIX F: MIGRATION FROM HIGH-END TO ENHANCED DEVICES A detailed discussion of the migration pathway and differences between the high-end MCU devices (i.e., PIC17CXXX) and the enhanced devices (i.e., PIC18FXXX) is provided in AN726, “PIC17CXXX to PIC18FXXX Migration.” This Application Note is available on Microchip’s web site; www.Microchip.com. |