| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331 Arkusz danych(PDF) 124 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 Arkusz danych(HTML) 124 Page - Microchip Technology |
|
124 / 396 page ![]() PIC18F2331/2431/4331/4431 DS39616B-page 122 Preliminary 2003 Microchip Technology Inc. FIGURE 10-20: BLOCK DIAGRAM OF RC6 PORT/(SSPEN * SPI Mode ) Select Data Bus WR LATC WR TRISC Data Latch TRIS Latch RD TRISC Q D Q CK QD EN SDO Data Out(2) 0 1 Q D Q CK P N VDD VSS RD PORTC RC7 Pin or PORTC RD LATC Schmitt Trigger Note 1: USART is in Synchronous Master Transmission mode only (SYNC = 1, TXEN = 1). 2: SDO must have its TRISC bit cleared in order to be able to drive RC7. RX/DT Data Input USART Select(1) 0 1 DT Data Out USART Select (1) |