| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331 Arkusz danych(PDF) 171 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 Arkusz danych(HTML) 171 Page - Microchip Technology |
|
171 / 396 page ![]() 2003 Microchip Technology Inc. Preliminary DS39616B-page 169 PIC18F2331/2431/4331/4431 TABLE 16-3: INPUT CAPTURE TIME BASE RESET SUMMARY Pin CAPxM Mode Timer Reset Timer on Capture Description CAP1 0001-0100 Edge Capture TMR5 optional(1) Simple edge Capture mode (includes a selectable prescaler) 0101 Period Measurement TMR5 optional(1) Captures Timer5 on period boundaries 0110-0111 Pulse Width Measurement TMR5 always Captures Timer5 on pulse boundaries 1000 Input Capture on State Change TMR5 optional(1) Captures Timer5 on state change 1110-1111 Special Event Trigger (rising or falling edge) TMR5 optional(2) Used as a special event trigger to be used with the Timer5 or other peripheral modules CAP2 0001-0100 Edge Capture TMR5 optional(1) Simple edge Capture mode (includes a selectable prescaler 0101 Period Measurement TMR5 optional(1) Captures Timer5 on period boundaries 0110-0111 Pulse Width Measurement TMR5 always Captures Timer5 on pulse boundaries 1000 Input Capture on State Change TMR5 optional(1) Captures Timer5 on state change CAP3 0001-0100 Edge Capture TMR5 optional(1) Simple edge Capture mode (includes a selectable prescaler 0101 Period Measurement TMR5 optional(1) Captures Timer5 on period boundaries 0110-0111 Pulse Width Measurement TMR5 always Captures Timer5 on pulse boundaries 1000 Input Capture on State Change TMR5 optional(1) Captures Timer5 on state change Note 1: Timer5 may be reset on capture events only when CAPxRE = 1. 2: Trigger mode will not reset Timer5 unless RESEN = 0 in the T5CON register. |