| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331 Arkusz danych(PDF) 182 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 Arkusz danych(HTML) 182 Page - Microchip Technology |
|
182 / 396 page ![]() PIC18F2331/2431/4331/4431 DS39616B-page 180 Preliminary 2003 Microchip Technology Inc. TABLE 16-8: REGISTERS ASSOCIATED WITH THE MOTION FEEDBACK MODULE Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other Resets INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 0000 000x 0000 000u IPR3 — — — PTIP IC3DRIP IC2QEIP IC1IP TMR5IP ---1 1111 ---1 1111 PIE3 — — — PTIE IC3DRIE IC2QEIE IC1IE TMR5IE ---0 0000 ---0 0000 PIR3 — — — PTIF IC3DRIF IC2QEIF IC1IF TMR5IF ---0 0000 ---0 0000 TMR5H Timer5 Register High Byte (Buffer) xxxx xxxx uuuu uuuu TMR5L Timer5 Register Low Byte xxxx xxxx uuuu uuuu PR5H Timer5 Period Register High Byte 1111 1111 1111 1111 PR5L Timer5 Period Register Low Byte 1111 1111 1111 1111 T5CON T5SEN RESEN T5MOD T5PS1 T5PS0 T5SYNC TMR5CS TMR5ON 0000 0000 0000 0000 CAP1BUFH/ VELRH Capture 1 Register, High Byte / Velocity Register, High Byte(1) xxxx xxxx uuuu uuuu CAP1BUFL/ VELRL Capture 1 Register Low Byte / Velocity Register, Low Byte(1) xxxx xxxx uuuu uuuu CAP2BUFH/ POSCNTH Capture 2 Register, High Byte / QEI Position Counter Register, High Byte(1) xxxx xxxx uuuu uuuu CAP2BUFL/ POSCNTL Capture 2 Register, Low Byte / QEI Position Counter Register, Low Byte(1) xxxx xxxx uuuu uuuu CAP3BUFH/ MAXCNTH Capture 3 Register, High Byte / QEI Max. Count Limit Register, High Byte(1) xxxx xxxx uuuu uuuu CAP3BUFL/ MAXCNTL Capture 3 Register, Low Byte / QEI Max. Count Limit Register, Low Byte(1) xxxx xxxx uuuu uuuu CAP1CON — CAP1REN — — CAP1M3 CAP1M2 CAP1M1 CAP1M0 -0-- 0000 -0-- 0000 CAP2CON — CAP2REN — — CAP2M3 CAP2M2 CAP2M1 CAP2M0 -0-- 0000 -0-- 0000 CAP3CON — CAP3REN — — CAP3M3 CAP3M2 CAP3M1 CAP3M0 -0-- 0000 -0-- 0000 DFLTCON — FLT4EN FLT3EN FLT2EN FLT1EN FLTCK2 FLTCK1 FLTCK0 -000 0000 -000 0000 QEICON VELM ERROR UP/DOWN QEIM2 QEIM1 QEIM0 PDEC1 PDEC0 0000 0000 0000 0000 Legend: x = unknown, u = unchanged, – = unimplemented, q = value depends on condition. Shaded cells are not used by the Motion Feedback module. Note 1: Register name and function determined by which submodule is selected (IC/QEI, respectively). See Section 16.1.10 “Other Operating Modes” for more information. |