| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331 Arkusz danych(PDF) 240 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 Arkusz danych(HTML) 240 Page - Microchip Technology |
|
240 / 396 page ![]() PIC18F2331/2431/4331/4431 DS39616B-page 238 Preliminary 2003 Microchip Technology Inc. FIGURE 19-11: SYNCHRONOUS TRANSMISSION (THROUGH TXEN) TABLE 19-7: REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER TRANSMISSION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 0000 000x 0000 000u PIR1 — ADIF RCIF TXIF — CCP1IF TMR2IF TMR1IF -000 -000 -000 -000 PIE1 — ADIE RCIE TXIE — CCP1IE TMR2IE TMR1IE -000 -000 -000 -000 IPR1 — ADIP RCIP TXIP — CCP1IP TMR2IP TMR1IP -000 -000 -000 -000 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 -00x 0000 -00x TXREG USART Transmit Register 0000 0000 0000 0000 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 0000 0010 0000 0010 BAUDCTL — RCIDL — SCKP BRG16 — WUE ABDEN -1-1 0-00 -1-1 0-00 SPBRGH Baud Rate Generator Register, High Byte 0000 0000 0000 0000 SPBRG Baud Rate Generator Register, Low Byte 0000 0000 0000 0000 Legend: x = unknown, – = unimplemented, read as ‘0’. Shaded cells are not used for Synchronous Master Transmission. RC7/RX/DT/SDO pin RC6/TX/CK/SS pin Write to TXREG reg TXIF bit TRMT bit bit0 bit1 bit2 bit6 bit7 TXEN bit |