| Zakładka z wyszukiwarką danych komponentów |
|
EM357-RTR Arkusz danych(PDF) 187 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-RTR Arkusz danych(HTML) 187 Page - Silicon Laboratories |
|
187 / 241 page ![]() 187 Rev 1.3 Address: 0x4000D018 Reset: 0x20000000 Address: 0x4000D01C Reset: 0x0 Register 10.7. ADC_DMABEG: ADC DMA Begin Address Register Bit 31 30 29 28 27 26 25 24 Name 0 0 1 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 ADC_DMABEG Bit 7 6 5 4 3 2 1 0 Name ADC_DMABEG Bitname Bitfield Access Description ADC_DMABEG [13:0] RW ADC buffer start address. Caution: this must be an even address - the least significant bit of this register is fixed at zero by hardware. Register 10.8. ADC_DMASIZE: ADC DMA Buffer Size Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 ADC_DMASIZE_FIELD Bit 7 6 5 4 3 2 1 0 Name ADC_DMASIZE_FIELD Bitname Bitfield Access Description ADC_DMASIZE_FIELD [12:0] RW ADC buffer size. This is the number of 16-bit ADC conversion results the buffer can hold, not its length in bytes. (The length in bytes is twice this value.) |