| Zakładka z wyszukiwarką danych komponentów |
|
ST7DALIF2 Arkusz danych(PDF) 164 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7DALIF2 Arkusz danych(HTML) 164 Page - STMicroelectronics |
|
164 / 171 page ![]() Device configuration ST7DALIF2 164/171 22.2 Device ordering information and transfer of customer code Customer code is made up of the FASTROM contents and the list of the selected options (if any). The FASTROM contents are to be sent on diskette, or by electronic means, with the S19 hexadecimal file generated by the development tool. All unused bytes must be set to FFh. The selected options are communicated to STMicroelectronics using the correctly completed OPTION LIST appended on page 165. Refer to application note AN1635 for information on the counter listing returned by ST after code has been transferred. The STMicroelectronics Sales Organization will be pleased to provide detailed information on contractual points. Note: Contact ST sales office for product availability. Table 99. Order codes Order code Program memory (bytes) RAM (bytes) Temp. range Package ST7FDALIF2M6 8K Flash 384 -40° C to 85° C SO20 ST7PDALIF2M6 8K FASTROM 384 -40° C to 85° C SO20 |