| Zakładka z wyszukiwarką danych komponentów |
|
ST7MC1K6-Auto Arkusz danych(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K6-Auto Arkusz danych(HTML) 106 Page - STMicroelectronics |
|
106 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) On-chip peripherals ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 106/371 Figure 40. Timer block diagram 1. If IC, OC and TO interrupt requests have separate vectors then the last OR is not present (see Table 22: Interrupt mapping) Output compare register 1 Output compare circuit Overflow detect circuit 1/2 1/4 1/8 8-bit buffer Internal bus LATCH1 OCMP1 ICAP1 EXTCLK fCPU Timer interrupt ICF2 ICF1 TIMD 0 0 OCF2 OCF1 TOF PWM OC1E EXEDG IEDG2 CC0 CC1 OC2E OPM FOLV2 ICIE OLVL1 IEDG1 OLVL2 FOLV1 OCIE TOIE LATCH2 8 low 16 8 high 16 16 16 16 CR1 (control register 1) CR 2 (control register 2) CSR (control/status register ) 6 16 8 high EXEDG Timer internal bus Input capture register 1 CC[1:0] Counter pin pin pin register (1) 16-bit timer peripheral interface 8 Low 8 high 8 Low 8 high 8 Low 8 high 8 Low Output compare register 2 Input capture register 2 Alternate counter register Edge detect circuit 2 Edge detect circuit 1 ICAP2 pin OCMP2 pin Obsolete Product(s) - Obsolete Product(s) |