| Zakładka z wyszukiwarką danych komponentów |
|
ST7MC1K6-Auto Arkusz danych(PDF) 358 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K6-Auto Arkusz danych(HTML) 358 Page - STMicroelectronics |
|
358 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) ST7MCxxx-Auto device configuration and ordering information ST7MC1K2-Auto, ST7MC1K6-Au- 358/371 14.2 Device ordering information and transfer of customer code The FASTROM or ROM contents are to be sent on diskette, or by electronic means, with the hexadecimal file in .S19 format generated by the development tool. All unused bytes must be set to FFh. The selected options are communicated to STMicroelectronics using the correctly completed option list appended. Refer to application note AN1635 for information on the counter listing returned by ST after code has been transferred. The STMicroelectronics sales organization provides detailed information on contractual points. Table 229. Supported part numbers Part number Program memory (bytes) RAM (bytes) Temp. range Package ST7FMC1K2TC 8K Flash 384 -40°C +125°C LQFP32 ST7FMC1K6TC 32K Flash 1024 ST7FMC2S4TC 16K Flash 768 LQFP44 ST7FMC2S6TC 32K Flash 1024 ST7MC1K2TC/xxx(1) 1. /xxx stands for the ROM or FASTROM code assigned by STMicrolectronics. 8K ROM 384 LQFP32 ST7MC2S4TC/xxx(1) 16K ROM 768 LQFP44 ST7PMC1K2TC/xxx(1) 8K FASTROM 384 LQFP32 ST7PMC1K6TC/xxx(1) 32K FASTROM 1024 ST7PMC2S4TC/xxx(1) 16K FASTROM 768 LQFP44 ST7PMC2S6TC/xxx(1) 32K FASTROM 1024 Obsolete Product(s) - Obsolete Product(s) |