Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F078RB Arkusz danych(PDF) 117 Page - STMicroelectronics

Numer części STM32F078RB
Szczegółowy opis  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078RB Arkusz danych(HTML) 117 Page - STMicroelectronics

Back Button STM32F078RB Datasheet HTML 112Page - STMicroelectronics STM32F078RB Datasheet HTML 113Page - STMicroelectronics STM32F078RB Datasheet HTML 114Page - STMicroelectronics STM32F078RB Datasheet HTML 115Page - STMicroelectronics STM32F078RB Datasheet HTML 116Page - STMicroelectronics STM32F078RB Datasheet HTML 117Page - STMicroelectronics STM32F078RB Datasheet HTML 118Page - STMicroelectronics STM32F078RB Datasheet HTML 119Page - STMicroelectronics STM32F078RB Datasheet HTML 120Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 117 / 120 page
background image
DocID026006 Rev 4
117/120
STM32F078CB, STM32F078RB, STM32F078VB
Ordering information
117
8
Ordering information
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, please contact your nearest ST sales office.
Table 77. Ordering information scheme
Example
:
STM32
F
078
R
B
T
6
x
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = General-purpose
Sub-family
078 = STM32F078xx
Pin count
C = 48/49 pins
R = 64 pins
V = 100 pins
User code memory size
B = 128 Kbyte
Package
H = UFBGA
T = LQFP
U = UFQFPN
Y = WLCSP
Temperature range
6 = –40 to 85 °C
7 = –40 to 105 °C
Options
xxx = code ID of programmed parts (includes packing type)
TR = tape and reel packing
blank = tray packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More