| Zakładka z wyszukiwarką danych komponentów |
|
STM32F383CC Arkusz danych(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F383CC Arkusz danych(HTML) 104 Page - STMicroelectronics |
|
104 / 125 page ![]() Electrical characteristics STM32F383xx 104/125 DocID023367 Rev 2 VAIN Common input voltage range Single ended mode (zero reference) VSSA - VREFSD+ /gain V Voltage on AINP or AINN pin Single ended offset mode VSSA - VREFSD+/ (gain*2) Differential mode VSSA -VDDSDx VDIFF Differential input voltage Differential mode only -VREF SD+/ (gain*2) - VREFSD+/ (gain*2) Differential voltage between AINP and AINN fS Sampling rate Slow mode (fADC = 1.5 MHz) - 4.166 - kHz fADC/360 Slow mode one channel only (fADC = 1.5 MHz) - 12.5 - fADC/120 Fast mode multiplexed channel (fADC = 6 MHz) - 16.66 - fADC/360 Fast mode one channel only (fADC = 6 MHz) -50 - fADC/120 tCONV Conversion time -1/fs - s Rain Analog input impedance One channel, gain = 0.5, fADC = 1.5 MHz -540 - k Ω see reference manual for detailed description One channel, gain = 0.5, fADC = 6 MHz - 135 - One channel, gain = 8, fADC = 6 MHz - 47 - tCALIB Calibration time fADC = 6 MHz, one offset calibration - 5120 - µs 30720/fADC tSTAB Stabilizatio n time From power down fADC = 6 MHz - 100 - µs 600/fADC, 75/fADC if SLOWCK =1 tSTANDBY Wakeup from standby time fADC = 6 MHz - 50 - µs 300/fADC fADC = 1.5 MHz - 50 - 75/fADC if SLOWCK =1 Table 69. SDADC characteristics (continued)(1) Symbol Parameter Conditions Min Typ Max Unit Note |