| Zakładka z wyszukiwarką danych komponentów |
|
MPX2202DP Arkusz danych(PDF) 148 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPX2202DP Arkusz danych(HTML) 148 Page - Motorola, Inc |
|
148 / 670 page ![]() 3–2 Motorola Sensor Device Data www.motorola.com/semiconductors Mini Selector Guide PRESSURE SENSORS Uncompensated Pressure Sensors Product Family Pressure Rating Maximum Pressure Rating Maximum Pressure Rating Maximum Pressure Rating Maximum Pressure Rating Maximum Offset (Typ) (mV) Full Scale Span (Typ) Sensitivity (mV/kPa) Pressure Type Note Maximum (psi) Maximum (kPa) Maximum (in H2O) Maximum (cm H20) Maximum (mm Hg) (mV) (Typ) (mV) A D G MPX10 1.45 10 40 102 75 20 35 3.5 D D MPX12 1.45 10 40 102 75 20 55 3.5 D D MPX53 7 50 200 510 375 20 60 1.2 D D Note: A = Absolute, D = Differential, G = Gauge, V = Vacuum Compensated Pressure Sensors Product Family Pressure Rating Maximum Pressure Rating Maximum Pressure Rating Maximum Pressure Rating Maximum Pressure Rating Maximum Offset (mV) Full Scale Span (Typ) Sensitivity (mV/kPa) Pressure Type Note Maximum (psi) Maximum (kPa) Maximum (in H2O) Maximum (cm H20) Maximum (mm Hg) (Typ) (mV) A D G MPX2010 1.45 10 40 102 75 ±1.0 25 2.5 D D MPX2053 7 50 201 510 375 ±1.0 40 0.8 D V MPX2102 14.5 100 400 1020 750 ±2.0 40 0.4 D 14.5 100 400 750 ±1.0 40 0.4 D V MPX2202 29 200 800 2040 1500 ±1.0 40 0.2 D 29 200 800 1500 ±1.0 40 0.2 D V MPX2050 7 50 201 510 375 ±1.0 40 0.8 D D MPX2100 14.5 100 400 1020 750 ±2.0 40 0.4 D 14.5 100 400 750 ±1.0 40 0.4 D V MPX2200 29 200 800 2040 1500 ±1.0 40 0.2 D 29 200 800 1500 ±1.0 40 0.2 D V Note: A = Absolute, D = Differential, G = Gauge, V = Vacuum Compensated Medical Grade Pressure Sensors Product Family Pressure Rating Maximum Pressure Rating Maximum Pressure Rating Maximum Pressure Rating Maximum Pressure Rating Maximum Supply Voltage (Typ) Offset Maximum (mV) Sensitivity (mV/kPa) Pressure Type Note Maximum (psi) Maximum (kPa) Maximum (in H2O) Maximum (cm H20) Maximum (mm Hg) (Typ) (Vdc) (mV) A D G MPXC2011 1.45 10 40 102 75 10.0 1.0 n/a D MPX2300 5.8 40 161 408 300 6.0 0.75 5.0 D Note: A = Absolute, D = Differential, G = Gauge, V = Vacuum Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |