| Zakładka z wyszukiwarką danych komponentów |
|
MPXM2202AS Arkusz danych(PDF) 571 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2202AS Arkusz danych(HTML) 571 Page - Motorola, Inc |
|
571 / 670 page ![]() 3–425 Motorola Sensor Device Data www.motorola.com/semiconductors PACKAGE OUTLINE DIMENSIONS (continued) STYLE 1: PIN 1. GROUND 2. + OUTPUT 3. + SUPPLY 4. – OUTPUT S NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.690 0.720 17.53 18.28 B 0.245 0.255 6.22 6.48 C 0.780 0.820 19.81 20.82 D 0.016 0.020 0.41 0.51 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC J 0.014 0.016 0.36 0.41 K 0.345 0.375 8.76 9.53 N 0.300 0.310 7.62 7.87 R 0.178 0.186 4.52 4.72 S V 0.182 0.194 4.62 4.93 BACK SIDE VACUUM PIN 1 4 PL PORT #1 POSITIVE PRESSURE 4 SEATING PLANE 32 1 K A G F D M B M 0.13 (0.005) T C N R V J –B– –T– 0.220 0.240 5.59 6.10 (P1) (P2) CASE 344E–01 ISSUE B NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. STYLE 1: PIN 1. GROUND 2. V (+) OUT 3. V SUPPLY 4. V (–) OUT E C J V –T– PORT #1 POSITIVE PRESSURE PIN 1 4 PL D –P– G K M Q M 0.25 (0.010) T U A F S N B S P M 0.13 (0.005) Q S T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 1.080 1.120 27.43 28.45 B 0.740 0.760 18.80 19.30 C 0.630 0.650 16.00 16.51 D 0.016 0.020 0.41 0.51 E 0.160 0.180 4.06 4.57 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC J 0.014 0.016 0.36 0.41 K N 0.070 0.080 1.78 2.03 P 0.150 0.160 3.81 4.06 Q 0.150 0.160 3.81 4.06 R 0.440 0.460 11.18 11.68 S 0.695 0.725 17.65 18.42 U 0.840 0.860 21.34 21.84 V 0.182 0.194 4.62 4.92 –Q– R 43 2 1 0.220 0.240 5.59 6.10 (P1) CASE 344F–01 ISSUE B Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |