| Zakładka z wyszukiwarką danych komponentów |
|
LED171596ARSLR Arkusz danych(PDF) 118 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LED171596ARSLR Arkusz danych(HTML) 118 Page - Texas Instruments |
|
118 / 153 page ![]() 118 LED171596A SNVSAY2 – OCTOBER 2017 www.ti.com Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated Table 236. LED31_24_DISABLE Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led31_24_disable R/W 0h LED disable bits for LEDs 24-31: 0=Enable 1=Disable 7.6.1.230 LED39_32_DISABLE Register (Address = 1C5h) [reset = 0h] LED39_32_DISABLE is shown in Figure 255 and described in Table 237. Return to Summary Table. Figure 255. LED39_32_DISABLE Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led39_32_disable R/W-0h Table 237. LED39_32_DISABLE Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led39_32_disable R/W 0h LED disable bits for LEDs 39-32: 0=Enable 1=Disable 7.6.1.231 LED47_40_DISABLE Register (Address = 1C6h) [reset = 0h] LED47_40_DISABLE is shown in Figure 256 and described in Table 238. Return to Summary Table. Figure 256. LED47_40_DISABLE Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led47_40_disable R/W-0h Table 238. LED47_40_DISABLE Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led47_40_disable R/W 0h LED disable bits for LEDs 40-47: 0=Enable 1=Disable |