| Zakładka z wyszukiwarką danych komponentów |
|
MFC2000 Arkusz danych(PDF) 229 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MFC2000 Arkusz danych(HTML) 229 Page - List of Unclassifed Manufacturers |
|
229 / 426 page ![]() Hardware Description MFC 2000 Multifunctional Peripheral Controller 2000 100723A Conexant 9-17 Table 9-2: Procedure to determine Pixels to remove Pixels to Remove per 2187 Input Pixels Yes/No 1458 N 729 N 486 N 243 Y 162 N 81 Y 54 N 27 N 18 N 9Y 6N 2Y 1N Table 9-3 lists common resolution conversion values. Table 9-3: Resolution Conversion Examples Conversion dots/inch Input dots/line Output dots/line Ideal # of pixels/line to insert (remove) Pixels to insert (remove) per 2187 ResConMSD (hex value) ResConLSD (hex value) 200 to 300 1728 2456 728 922 $8E $28 200 to 300 1728 2400 672 851 $8A $AC 200 to 360 1728 2952 1224 1549 $C8 $88 200 to 600 1728 3280 1552 1964 $F0 $CC 200 to 720 1728 3280 1552 1964 $F0 $CC 200 to 300 2048 2456 408 436 $2E $28 200 to 360 2048 2952 924 966 $8F $E0 200 to 600 2048 3280 1232 1316 $B8 $CC 200 to 720 2048 3280 1232 1316 $B8 $CC 200 to 200 2048 1728 (320) (341) $28 $BE |