| Zakładka z wyszukiwarką danych komponentów |
|
MFC2000 Arkusz danych(PDF) 191 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MFC2000 Arkusz danych(HTML) 191 Page - List of Unclassifed Manufacturers |
|
191 / 426 page ![]() Hardware Description MFC 2000 Multifunctional Peripheral Controller 2000 100723A Conexant 7-43 START condition SID SIC Data is pulled low while clock is still high, followed by pulling the clock low. Clock and data will be held low. STOP condition SID SIC Clock is released to high, followed by releasing data to high. Bit transfer SID SIC Address/data bit must be valid while SIC is high. Getting ACK SID SIC LSB master slave wire 'z' 'z' LSB 'H' '0' '0' 'H' 'z' WAC end of write This is the condition after master transmitted data to slave, which will be referred as WAC (write acknowlege). Slave is giving acknowledge by driving the data line low. Master is getting the acknowledge by generating a clock pulse to capture the acknowledge. Giving ACK SID SIC master slave wire LSB '0' 'H' LSB 'z' 'z' '0' 'z' RAC end of read 'H' This is the condition after master received data from slave, which will be referred as RAC (read acknowledge). Master is giving acknowledge to the slave by driving data line low and by generating a clock pulse. Slave is receiving the acknowledge from master. |