document.write("
| 2PB3-R Producent |
| Wyszukiwanie numeru części : pasuje do wyrazu & zaczyna się od wyrazu "2PB3-R" wyników : 24 ( 1/2 Page) |
| Producent | Numer części | Arkusz danych Date Size | Szczegółowy opis | Rohs Pb Free Lifecycle | Direct Link |
![]() NXP Semiconductors | 2PB1219AQ T/R | ![]() | PNP general purpose transistor - Complement: 2PD1820AQ ; fT min: 100 MHz; hFE max: 170 ; hFE min: 85 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 V | compliant no active | ![]() |
| 2PB1219AR T/R | ![]() | PNP general purpose transistor - Complement: 2PD1820AR ; fT min: 120 MHz; hFE max: 240 ; hFE min: 120 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 V | compliant no active | ![]() | |
| 2PB1219AS T/R | ![]() | PNP general purpose transistor - Complement: 2PD1820AS ; fT min: 140 MHz; hFE max: 340 ; hFE min: 170 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 V | compliant no active | ![]() | |
| 2PB1424,115 | ![]() | 2PB1424 - 20 V, 3 A PNP low VCEsat (BISS) transistor SOT-89 3-Pin | compliant transferred | ![]() | |
| 2PB709AR T/R | ![]() | PNP general purpose transistor - Complement: 2PD601AR ; fT min: 70 MHz; hFE max: 340 ; hFE min: 210 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 45 V | compliant no active | ![]() | |
![]() Nexperia | 2PB709ARL/DG,215 | ![]() | 2PB709ARL - 45 V, 100 mA PNP general-purpose transistor@en-us TO-236 3-Pin | obsolete | ![]() |
| 2PB709ARL/DG,235 | ![]() | 2PB709ARL - 45 V, 100 mA PNP general-purpose transistor@en-us TO-236 3-Pin | obsolete | ![]() | |
![]() NXP Semiconductors | 2PB709ARW T/R | ![]() | PNP general purpose transistors - Complement: 2PD601ARW ; fT min: 70 MHz; hFE max: 340 ; hFE min: 210 ; IC max: -100 mA; Polarity: PNP ; Ptot max: 200 mW; VCEO max: -45 V | compliant no active | ![]() |
| 2PB709AS T/R | ![]() | PNP general purpose transistor - Complement: 2PD601AS ; fT min: 80 MHz; hFE max: 460 ; hFE min: 290 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 45 V | compliant no active | ![]() | |
![]() Nexperia | 2PB709ASL-QR | ![]() | 2PB709ASL-Q - 45 V, 100 mA PNP general-purpose transistor@en-us TO-236 3-Pin | active | ![]() |
| 2PB709ASL/DG,215 | ![]() | 2PB709ASL - 45 V, 100 mA PNP general-purpose transistor@en-us TO-236 3-Pin | obsolete | ![]() | |
| 2PB709ASL/DG,235 | ![]() | 2PB709ASL - 45 V, 100 mA PNP general-purpose transistor@en-us TO-236 3-Pin | obsolete | ![]() | |
![]() NXP Semiconductors | 2PB709ASW T/R | ![]() | PNP general purpose transistors - Complement: 2PD601ASW ; fT min: 80 MHz; hFE max: 460 ; hFE min: 290 ; IC max: -100 mA; Polarity: PNP ; Ptot max: 200 mW; VCEO max: -45 V | compliant no active | ![]() |
| 2PB709BRL,215 | ![]() | 2PB709BRL; 2PB709BSL - 50 V, 200 mA PNP general-purpose transistors TO-236 3-Pin | transferred | ![]() | |
| 2PB709BSL,215 | ![]() | 2PB709BRL; 2PB709BSL - 50 V, 200 mA PNP general-purpose transistors TO-236 3-Pin | transferred | ![]() | |
| 2PB710AQ T/R | ![]() | PNP general purpose transistor - Complement: 2PD602AQ ; fT min: 100 MHz; hFE max: 170 ; hFE min: 85 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 V | compliant no active | ||
| 2PB710AR T/R | ![]() | PNP general purpose transistor - Complement: 2PD602AR ; fT min: 120 MHz; hFE max: 240 ; hFE min: 120 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 V | compliant no active | ![]() | |
![]() Nexperia | 2PB710AR,115 | ![]() | 2PB710A - PNP general purpose transistor@en-us SMT 3-Pin | obsolete | ![]() |
| 2PB710ARL/DG,215 | ![]() | 2PB710ARL - 50 V, 500 mA PNP general-purpose transistor@en-us TO-236 3-Pin | obsolete | ![]() | |
| 2PB710ARL/DG,235 | ![]() | 2PB710ARL - 50 V, 500 mA PNP general-purpose transistor@en-us TO-236 3-Pin | obsolete | ![]() |
1 2 |