document.write("
| BPA-R Producent |
| Wyszukiwanie numeru części : pasuje do wyrazu & zaczyna się od wyrazu "BPA-R" wyników : 23 ( 1/2 Page) |
| Producent | Numer części | Arkusz danych Date Size | Szczegółowy opis | Rohs Pb Free Lifecycle | Direct Link |
![]() C&K | BPA02K | ![]() | ############################################################################################################################################################################################################################################################### | unknown unknown active | |
| BPA04K | ![]() | SWITCH DIP SIDE-ACTUATED 4POS | unknown unknown active | ||
| BPA04RK | ![]() | DIP / Rotary DIP | unknown unknown active | ||
| BPA04SK | ![]() | DIP Switch; No. of Switch Positions:4; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:SMT Gull Wing; Leaded Process Compatible:Yes; Mounting Type:PC Board; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:2.54mm RoHS Compliant: Yes | unknown unknown active | ||
| BPA05K | ![]() | SWITCH SW DIP 5 5POS | unknown unknown active | ||
| BPA05SK | ![]() | DIP Switch; No. of Switch Positions:5; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:SMT Gull Wing; Leaded Process Compatible:Yes; Mounting Type:PC Board; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:2.54mm RoHS Compliant: Yes | unknown unknown active | ||
| BPA06K | ![]() | SWITCH DIP SIDE-ACTUATED 6POS | unknown unknown active | ||
| BPA06SK | ![]() | SWITCH DIP SIDE-ACT SMD 6POS | unknown unknown active | ||
| BPA07K | ![]() | SWITCH DIP SIDE-ACTUATED 7POS | unknown unknown active | ||
| BPA07SK | ![]() | SWITCH DIP SIDE-ACT SMD 7POS | unknown unknown active | ||
| BPA08K | ![]() | SWITCH DIP SIDE-ACTUATED 8POS | unknown unknown active | ||
| BPA08RK | ![]() | SWITCH DIP SPST REV THROW 8POS | unknown unknown active | ||
| BPA08SK | ![]() | SWITCH DIP SIDE-ACT SMD 8POS | unknown unknown active | ||
| BPA09K | ![]() | DIP Switch; No. of Switch Positions:9; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Mounting Type:PC Board; Pitch Spacing:2.54mm; Actuator Style:Side RoHS Compliant: Yes | unknown unknown active | ||
| BPA09SK | ![]() | SWITCH DIP SIDE-ACT SMD 9POS | unknown unknown active | ||
| BPA10K | ![]() | DIP Switch; No. of Switch Positions:10; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Color:Black; Leaded Process Compatible:Yes; Mounting Type:PC Board; Operating Temp. Min:-20 C RoHS Compliant: Yes | unknown unknown active | ||
| BPA10SK | ![]() | SWITCH DIP 10POS SIDE ACT SMD | unknown unknown active | ||
![]() TE Connectivity | BPA14400 | ![]() | BOOTSEAL PB 1/4-40 BLACK | unknown unknown active | |
| BPA14400 (2-1437626-7) | ![]() | Pushbutton Switches; BPA14400=BPA-1440 ( Alcoswitch ) | not_compliant no obsolete | ![]() | |
| BPA14402 | ![]() | BOOT SEAL RED 1/4-40 TP SERIES | unknown unknown active |
1 2 |