document.write("
| D40-R Producent |
| Wyszukiwanie numeru części : pasuje do wyrazu & zaczyna się od wyrazu "D40-R" wyników : 16 ( 1/1 Page) |
| Producent | Numer części | Arkusz danych Date Size | Szczegółowy opis | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | D40053-013 | ![]() | POLT-24E/1XI | unknown unknown active | |
| D40053-015 | ![]() | POLT-24E/1XI | unknown unknown active | ||
| D40053-062 | ![]() | POLT-24E/1XI | unknown unknown active | ||
| D40053-063 | ![]() | POLT-24E/1XI | unknown unknown active | ||
| D40053-064 | ![]() | POLT-24E/1XI | unknown unknown active | ||
| D40053-073 | ![]() | POLT-24E/1XI | unknown unknown active | ||
| D40304-000 | ![]() | I/O CONN | compliant yes active | ![]() | |
| D40414-000 | ![]() | CONN BACKSHELL ADPT SZ 12 12S | not_compliant no active | ![]() | |
| D40453-000 | ![]() | CONN BACKSHELL ADPT SZ 13C OLIVE | unknown no active | ![]() | |
| D40462-000 | ![]() | CONN BACKSHELL ADPT SZ 22 OLIVE | not_compliant no active | ![]() | |
| D40486-000 | ![]() | Wire And Cable | unknown unknown active | ||
| D409033001 | ![]() | Wire And Cable, 21AWG, 600V, Power Cable | compliant unknown active | ||
| D40953-000 | ![]() | CONN BACKSHELL ADPT SZ 15D M22 | compliant yes active | ![]() | |
| D40975-000 | ![]() | Connector Accessory, 0.188in Min Cable Dia, 0.3in Max Cable Dia, Aluminum Alloy | compliant unknown active | ||
![]() New Jersey Semiconducto... | D40C4 | ![]() | Trans Darlington NPN 40V 0.5A 3-Pin(3+Tab) TO-220 | not_compliant unknown contact_manufacturer | ![]() |
| D40C7 | ![]() | Trans Darlington NPN 50V 0.5A 3-Pin(3+Tab) TO-202 | not_compliant unknown contact_manufacturer | ![]() |
1 |