document.write("
| PCF-R Producent |
| Wyszukiwanie numeru części : pasuje do wyrazu & zaczyna się od wyrazu "PCF-R" wyników : 7 ( 1/1 Page) |
| Producent | Numer części | Arkusz danych Date Size | Szczegółowy opis | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | PCF-106D2M,000 (5-1440002-5) | ![]() | Industrial Relays (General Purpose); PCF-106D2M,000 ( OEG ) | compliant yes active | ![]() |
| PCF-109D2M,000 (5-1440002-6) | ![]() | Industrial Relays (General Purpose); PCF-109D2M,000 ( OEG ) | compliant yes active | ![]() | |
| PCF-112D1M-2,000 | ![]() | PCF-112D1M-2,000 Power Relay Type:Standard;Coil Magnetic System:Monostable, DC;Coil Power Rating Class:800 – 1000 mW;Coil Power Rating DC:900 mW;Coil Resistance:160 Ω Standard Monostable, DC 800 – 1000 mW 900 mW | Power Relay | Part Number: | unknown unknown obsolete | ![]() | |
| PCF-112D2M,000 | ![]() | POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.075A (COIL), 12VDC (COIL), 900mW (COIL), 25A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT, ROHS COMPLIANT | compliant unknown obsolete | ![]() | |
| PCF-124D2M,000 | ![]() | Power/Signal Relay, 1 Form A, SPST, Momentary, 0.038A (Coil), 24VDC (Coil), 900mW (Coil), 25A (Contact), 24VDC (Contact), DC Input, AC/DC Output, Panel Mount | compliant unknown obsolete | ||
| PCF-148D2M,000 | ![]() | POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.019A (COIL), 48VDC (COIL), 900mW (COIL), 25A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT, ROHS COMPLIANT | compliant unknown obsolete | ||
| PCF-148D2M,000 (5-1440002-9) | ![]() | Industrial Relays (General Purpose); PCF-148D2M,000 ( OEG ) | compliant yes active | ![]() |
1 |