document.write("
| R09-R Producent |
| Wyszukiwanie numeru części : pasuje do wyrazu & zaczyna się od wyrazu "R09-R" wyników : 114 ( 1/6 Page) |
| Producent | Numer części | Arkusz danych Date Size | Szczegółowy opis | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | R09P05D (10014094) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 8.09999999999999; In V MAX: 9.9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 9; MC OU | compliant yes active | |
| R09P05D/P (10014107) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 8.09999999999999; In V MAX: 9.9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 9; MC O | compliant yes active | ||
| R09P05D/P/R6.4 (19900548) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 9; MC OUTPUT-V: 5; Lengt | compliant yes active | ||
| R09P05D/P/R8 (19900597) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 8kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 9; MC OUTPUT-V: 5; Length: | compliant yes active | ||
| R09P05D/R6.4 (19900523) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 9; MC OUTPUT-V: 5; Length | compliant yes active | ||
| R09P05D/R8 (19900572) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 8kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 9; MC OUTPUT-V: 5; Length: | compliant yes active | ||
| R09P05S (10014118) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 8.09999999999999; In V MAX: 9.9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 9; MC OUT | compliant yes active | ||
| R09P05S/P (10014105) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 8.09999999999999; In V MAX: 9.9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 9; MC OU | compliant yes active | ||
| R09P05S/P/R6.4 (19900374) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 9; MC OUTPUT-V: 5; Length | compliant yes active | ||
| R09P05S/P/R8 (19900473) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 8kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 9; MC OUTPUT-V: 5; Length: | compliant yes active | ||
| R09P05S/P/X2 (10016404) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 8.09999999999999; In V MAX: 9.9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 9; MC OU | compliant yes active | ||
| R09P05S/P/X2/R6.4 (19900399) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 9; MC OUTPUT-V: 5; Length | compliant yes active | ||
| R09P05S/P/X2/R8 (19900498) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 8kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 9; MC OUTPUT-V: 5; Length: | compliant yes active | ||
| R09P05S/R6.4 (19900324) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 9; MC OUTPUT-V: 5; Length: | compliant yes active | ||
| R09P05S/R8 (19900423) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 8kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 9; MC OUTPUT-V: 5; Length: 1 | compliant yes active | ||
| R09P05S/X2 (10016381) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 8.09999999999999; In V MAX: 9.9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 9; MC OUT | compliant yes active | ||
| R09P05S/X2/R6.4 (19900349) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 9; MC OUTPUT-V: 5; Length: | compliant yes active | ||
| R09P05S/X2/R8 (19900448) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 05; In V MIN: 9; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 8kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 9; MC OUTPUT-V: 5; Length: 1 | compliant yes active | ||
| R09P09D (10014126) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 09; In V MIN: 8.09999999999999; In V MAX: 9.9; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-55; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 9; MC OUT | compliant yes active | ||
| R09P09D/P (10014104) | ![]() | Unregulated DC/DC Converter; In-V: 09; Out-V: 09; In V MIN: 8.09999999999999; In V MAX: 9.9; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-55; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 9; MC OU | compliant yes active |
1 2 3 4 5 6 |