document.write("
| RAMDDR-NET Producent |
| Wyszukiwanie numeru części : pasuje do wyrazu & zaczyna się od wyrazu "RAMDDR-NET" wyników : 12 ( 1/1 Page) |
| Producent | Numer części | Arkusz danych Date Size | Szczegółowy opis | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | RAM-0505S (10014325) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 1 | compliant yes active | |
| RAM-0505S-R (10015902) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 1 | compliant yes active | ||
| RAM-0505S/H (10015899) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 1 | compliant yes active | ||
| RAM-0505S/H-R (10015905) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 1 | compliant yes active | ||
| RAM-1205S (10015897) | ![]() | Unregulated DC/DC Converter; In-V: 12; Out-V: 05; In V MIN: 12; In V MAX: 12; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RAM-1205S-R (10015903) | ![]() | Unregulated DC/DC Converter; In-V: 12; Out-V: 05; In V MIN: 12; In V MAX: 12; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RAM-1205S/H (10015900) | ![]() | Unregulated DC/DC Converter; In-V: 12; Out-V: 05; In V MIN: 12; In V MAX: 12; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RAM-1205S/H-R (10015906) | ![]() | Unregulated DC/DC Converter; In-V: 12; Out-V: 05; In V MIN: 12; In V MAX: 12; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RAM-2405S (10015898) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RAM-2405S-R (10015904) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RAM-2405S/H (10015901) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RAM-2405S/H-R (10015907) | ![]() | Unregulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Length | compliant yes active |
1 |