document.write("

RAZ-R Producent
Wyszukiwanie numeru części : pasuje do wyrazu & zaczyna się od wyrazu "RAZ-R" wyników : 12 ( 1/1 Page)
ProducentNumer częściArkusz danych
Date
Size
Szczegółowy opisRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
RECOM Power Inc
RAZ-0505S (10016251)Regulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 18 compliant
yes
active
RAZ-0505S-R (10016257)Regulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 18 compliant
yes
active
RAZ-0505S/H (10016254)Regulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 18 compliant
yes
active
RAZ-0505S/H-R (10016260)Regulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 18 compliant
yes
active
RAZ-1205S (10016252)Regulated DC/DC Converter; In-V: 12; Out-V: 05; In V MIN: 12; In V MAX: 12; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Length: compliant
yes
active
RAZ-1205S-R (10016258)Regulated DC/DC Converter; In-V: 12; Out-V: 05; In V MIN: 12; In V MAX: 12; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Length: compliant
yes
active
RAZ-1205S/H (10016255)Regulated DC/DC Converter; In-V: 12; Out-V: 05; In V MIN: 12; In V MAX: 12; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Length: compliant
yes
active
RAZ-1205S/H-R (10016261)Regulated DC/DC Converter; In-V: 12; Out-V: 05; In V MIN: 12; In V MAX: 12; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Length: compliant
yes
active
RAZ-2405S (10016253)Regulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Length: compliant
yes
active
RAZ-2405S-R (10016259)Regulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Length: compliant
yes
active
RAZ-2405S/H (10016256)Regulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Length: compliant
yes
active
RAZ-2405S/H-R (10016262)Regulated DC/DC Converter; In-V: 24; Out-V: 05; In V MIN: 24; In V MAX: 24; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SMD; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: 5; Length: compliant
yes
active

1

");