document.write("
| RF24AP2-USBQ32-R7 Producent |
| Wyszukiwanie numeru części : pasuje do wyrazu & zaczyna się od wyrazu "RF24AP2-USBQ32-R7" wyników : 10 ( 1/1 Page) |
| Producent | Numer części | Arkusz danych Date Size | Szczegółowy opis | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | RF2L15200CB4 | ![]() | 200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor | compliant active | |
| RF2L16080CF2 | ![]() | 80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor | compliant active | ||
| RF2L16180CB4 | ![]() | 180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor | compliant active | ||
| RF2L16180CF2 | ![]() | 180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor | compliant active | ||
| RF2L24280CB4 | ![]() | 280 W, 28 V, 2.4 to 2.5 GHz RF Power LDMOS transistor | compliant active | ||
| RF2L27015CG2 | ![]() | 15 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor | compliant active | ||
| RF2L27025CG2 | ![]() | 25 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor | compliant active | ||
| RF2L36040CF2 | ![]() | 40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor | compliant active | ||
| RF2L36075CF2 | ![]() | 75 W, 28 V, 3.1 to 3.6 GHz RF power LDMOS transistor | compliant active | ||
| RF2L42008CG2 | ![]() | 8 W, 28 V, 0.7 to 4.2 GHz RF power LDMOS transistor | compliant active |
1 |