Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • -2B6-R

  • AI
    The part number **2B6-R** typically refers to a **High-Power Wirewound Resistor** or a specific **SMD Chip Resistor** series, depending on the manufacturer (most commonly associated with brands like *Bourns*, *Riedon*, or generic industrial component suppliers). Below is a technical breakdown of its characteristics, specifications, and common applications. --- ### 1. Technical Specifications While specific parameters can vary by manufacturer, the "2B" prefix usually denotes a specific physical size and power rating. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Fixed Resistor (Wirewound or Thick Film) | | **Power Rating** | 0.25W to 2W (Variable by package) | | **Tolerance** | ±1% (F) or ±5% (J) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole | | **Termination** | Matte Tin (RoHS Compliant) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | ### 2. Suffix Breakdown: "-R" In the electronics industry, the **-R** suffix serves two primary purposes: 1. **Packaging:** It almost always stands for **Tape & Reel**. This means the parts are supplied on a continuous plastic or paper strip wound around a reel, designed for automated Pick-and-Place machines. 2. **Compliance:** In some older catalogs, it signifies **RoHS Compliant** (lead-free), though this is now standard for most modern components. --- ### 3. Key Characteristics * **Stability:** These resistors are designed for high stability under thermal stress. * **Inductance:** If it is a wirewound version, it may have low inductance depending on the winding style (Aryton-Perry). * **Heat Dissipation:** Often features a ceramic core or specialized coating to handle heat more efficiently than standard carbon film resistors. --- ### 4. Common Applications The 2B6-R series is frequently used in circuits requiring precision and durability: * **Power Supplies:** Used as current sensing resistors or bleeders. * **Motor Controllers:** To manage small surges and provide feedback loops. * **Industrial Equipment:** General-purpose resistance in environments with high vibration or temperature fluctuations. * **Automotive Electronics:** Used in lighting control modules or dashboard instrumentation. --- ### 5. Identification Check If you are looking at a physical part, check the branding. If it is **Bourns**, it is likely an inductor or a specialized resistor. If it is **Riedon**, it is almost certainly a precision wirewound resistor. > **Warning:** Always cross-reference the manufacturer's logo on the component with their specific datasheet, as part numbering systems are not universally standardized across different brands.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer is listed on your 2B6-R datasheet?
    • ⤷ Are you looking for the specific resistance value in Ohms for this part?
    • ⤷ Do you need a footprint or PCB layout recommendation for this component?