Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 06GEEG3S-R

  • AI
    The **06GEEG3S-R** is a high-performance **Power Entry Module (PEM)** manufactured by Delta Electronics. It is primarily designed to handle the interface between an external power cord and the internal circuitry of electronic equipment, integrating several functions into a single component. --- ## 1. Core Technical Specifications The following table summarizes the key electrical and physical attributes of the 06GEEG3S-R: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Delta Electronics | | **Part Series** | GEE Series | | **Current Rating** | 6A | | **Voltage Rating** | 115/250 VAC | | **Connector Type** | IEC 320-C14 (Male Inlet) | | **Termination Style** | Solder Lug / Quick Connect | | **Mounting Type** | Panel Mount, Snap-in | | **Operating Frequency** | 50/60 Hz | --- ## 2. Integrated Electronic Components The "3S" designation in the part number indicates specific internal configurations, typically involving an EMI filter. The module contains the following internal parts: ### A. EMI/RFI Filter The primary purpose of this module is to suppress electromagnetic interference (EMI). It contains an internal **LC network** (Inductors and Capacitors): * **X-Capacitors:** Connected across the line and neutral to suppress differential mode noise. * **Y-Capacitors:** Connected from line/neutral to ground to suppress common-mode noise. * **Common-Mode Choke:** A ferrite core with windings that block high-frequency noise while allowing the 50/60Hz power to pass. ### B. Fuse Holder This model includes a built-in compartment for a **5x20mm fuse**. * It provides overcurrent protection for the device. * The "S" in the suffix often denotes a single-fuse configuration (though some variants in the series support double fusing). ### C. Mechanical Switch (Optional/Series Dependent) While some GEE modules include a rocker switch, the standard **06GEEG3S-R** focuses on the filtered inlet and fuse holder to maintain a compact snap-in footprint. --- ## 3. Safety and Compliance Because this part handles mains voltage, it adheres to strict international safety standards: * **UL Recognized:** Safety standards for the US. * **CSA Certified:** Safety standards for Canada. * **VDE/ENEC:** European safety certifications. * **RoHS Compliant:** Free from hazardous substances like lead. --- ## 4. Typical Applications * **Medical Equipment:** Due to low leakage current options. * **IT Infrastructure:** Servers and networking hardware. * **Industrial Power Supplies:** Protecting sensitive electronics from "dirty" grid power. * **Test & Measurement:** Ensuring precision by filtering out power line ripples.
    ✨ Follow-up Questions
    • ⤷What is the difference between the GEEG3S and the GEEG3E variants?
    • ⤷ How do I calculate the correct fuse rating for this module?
    • ⤷ Does this module support dual-voltage 110V/220V switching?