Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 0E1-R1

  • AI
    The term **0E1-R1** (specifically the **0E1** marking) typically refers to a specialized type of high-capacitance Surface Mount Device (SMD) capacitor, most commonly a **Tantalum-Polymer Capacitor** (often from the Panasonic SP-Cap or POSCAP series). Below is a breakdown of the electronic specifications and characteristics associated with this part. --- ### 1. Component Specifications The code "0E1" follows a specific industry standard for marking small SMD components where space is limited. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance Code** | `E1` | Represents **100 µF** (Microfarads) | | **Voltage Code** | `0` | Represents **2.5V** (DC Voltage Rating) | | **Technology** | Polymer Tantalum | Solid electrolytic chip capacitor | | **Package / Case** | SMD (e.g., 7343 or 3528) | Surface Mount Technology | | **Typical ESR** | Very Low | Usually < 15 mΩ | --- ### 2. Breakdown of the Marking Code In the alphanumeric marking system for these capacitors: * **Voltage Letter/Number (0):** * `0` or `G` = 2.5V * `j` = 6.3V * `A` = 10V * **Capacitance Identifier (E1):** * The letter **E** identifies the significant digits (in some systems, E = 15, but in the most common polymer systems, `1` identifies the multiplier). * **E1** translates to $10 \times 10^1 = 100$ µF. --- ### 3. Key Features & Applications These parts are engineered for high-performance power circuits rather than general-purpose filtering. #### Features: * **Low ESR (Equivalent Series Resistance):** This allows the capacitor to handle high ripple currents without overheating. * **Stable Capacitance:** Unlike standard Ceramic (MLCC) capacitors, polymer capacitors do not lose capacitance when a DC bias voltage is applied. * **Safety:** Polymer capacitors are "non-burning" or "self-healing," meaning they are less likely to catch fire if they fail compared to traditional MnO2 Tantalum capacitors. #### Common Applications: 1. **CPU/GPU Power Rails:** Providing "bulk" capacitance near high-speed processors. 2. **DC-DC Converters:** Smoothing output voltage in laptop motherboards and servers. 3. **Telecommunications:** Used in base stations and networking hardware due to their long-term reliability. --- ### 4. Identification Example If you see **0E1** printed on a small black or orange rectangular block on a circuit board (like a laptop motherboard), it is almost certainly a **2.5V 100µF Polymer Capacitor**.
    ✨ Follow-up Questions
    • ⤷ How do I test a 0E1-R1 capacitor using a multimeter?
    • ⤷ What are the common failure symptoms of polymer tantalum capacitors?
    • ⤷ Can I replace a 2.5V 100uF polymer capacitor with a 6.3V 100uF version?