Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 1012-0100-R

  • AI
    The part number **1012-0100-R** typically refers to a high-quality **RF (Radio Frequency) fixed attenuator**, often manufactured by companies such as **Aeroflex (Cobham/Metelics)** or similar RF component specialists. These components are designed to reduce the power of a signal without significantly distorting its waveform. --- ### 1. Technical Specifications Below are the typical characteristics associated with this specific part series: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Fixed RF Attenuator | | **Impedance** | 50 Ohms | | **Attenuation Value** | 1 dB (indicated by the '0100' suffix) | | **Frequency Range** | DC to 18 GHz (varies by package) | | **Mounting Type** | Surface Mount (SMD) / Chip | | **RoHS Compliant** | Yes (indicated by the '-R' suffix) | --- ### 2. Physical Construction The "R" suffix generally denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards, meaning the part is lead-free. * **Substrate:** Usually Alumina ($Al_2O_3$) or Beryllium Oxide (BeO) for high power dissipation. * **Resistive Element:** Thin-film technology is used to ensure precision and stability across a wide temperature range. * **Termination:** Wrap-around terminations for easy soldering to PCBs. --- ### 3. Key Functions * **Signal Level Control:** Used to reduce signal strength to prevent overloading sensitive components like mixers or ADCs. * **Impedance Matching:** Helps improve the "match" (VSWR) between two mismatched stages in an RF circuit. * **Isolation:** Provides a degree of isolation between components to reduce feedback or unwanted oscillations. --- ### 4. Common Applications 1. **Telecommunications:** Base stations and cellular infrastructure. 2. **Test & Measurement:** Used in lab equipment to protect sensitive input ports. 3. **Military & Aerospace:** Radar systems and secure communication links. 4. **Fiber Optics:** Used in the RF-over-Fiber conversion stages. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power rating for the 1012-0100-R attenuator?
    • ⤷ Are there alternative attenuation values available in this specific 1012 series?
    • ⤷ How does temperature affect the attenuation accuracy of this component?