10280-R20CFB
AI

The **10280-R20CFB** is a specific electronic component, typically classified as a **High-Density SCSI (Small Computer System Interface) Connector**. It is part of the Mini Delta Ribbon (MDR) series, widely used in industrial automation, telecommunications, and high-speed data transmission.
---
### 1. Technical Specifications
Below are the primary technical characteristics of the 10280-R20CFB:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | MDR (Mini Delta Ribbon) |
| **Pin Count** | 80 Positions |
| **Gender** | Receptacle (Female) |
| **Mounting Type** | PCB Through-Hole (Right Angle) |
| **Pitch** | 0.050" (1.27 mm) |
| **Termination** | Solder |
| **Shielding** | Fully Shielded (Metal Shroud) |
---
### 2. Key Physical Components
The part is composed of several critical materials to ensure signal integrity and durability:
* **Contacts:** Usually made of a copper alloy with gold plating (often 30µ") to prevent corrosion and ensure low contact resistance.
* **Insulator:** High-temperature thermoplastic (LCP or PBT), capable of withstanding wave soldering temperatures.
* **Shell/Shroud:** Steel or Die-cast zinc with nickel plating for EMI/RFI (Electromagnetic Interference) protection.
* **Board Locks:** Mechanical clips or screws that secure the connector to the PCB before and after soldering.
---
### 3. Applications
This connector is frequently found in the following environments:
1. **Industrial Robotics:** Used for transmitting multi-channel sensor data or motor control signals.
2. **Machine Vision:** Common in Camera Link standard interfaces for high-speed imaging.
3. **Networking:** Older high-speed storage arrays and server backplanes.
4. **Medical Equipment:** High-density signal routing in diagnostic machines.
---
### 4. Integration Considerations
When designing a PCB for this part, engineers must account for:
* **Footprint:** The 1.27mm pitch requires precise routing and tight tolerances on the PCB drill holes.
* **EMI Grounding:** The metal shroud should be tied to the chassis or signal ground to minimize noise.
* **Mating:** This receptacle typically mates with a **10180 series** plug (male cable end).
- ⤷
What is the maximum current rating per pin for the 10280 series?
- ⤷ Are there specific mounting hardware requirements for the R20CFB suffix?
- ⤷ What is the difference between the R20 and R21 suffixes in this series?