Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 10TS-2B6-R

  • AI
    The **10TS-2B6-R** is a specific part number for a **Tactile Switch** (often referred to as a "tact switch"). These are momentary push-button switches commonly used in low-power electronic circuits to provide user input. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Actuator Style** | Round Button / Standard | | **Operating Force** | Typically 160gf to 250gf (grams-force) | | **Contact Rating** | 50mA @ 12V DC (standard for tact switches) | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ | | **Operating Life** | ~100,000 Cycles | --- ### 2. Physical Dimensions & Design The part number "10TS" typically follows a standard footprint for compact electronics. * **Footprint:** Usually a **5.2 x 5.2 mm** or **6 x 6 mm** square base. * **Height:** The "B6" suffix often refers to the height of the actuator (plunger). In this series, it usually denotes a height of **0.6mm to 1.5mm** depending on the specific manufacturer's datasheet. * **Terminals:** It features "Gull-wing" or "J-bend" leads designed for automated SMT pick-and-place assembly. --- ### 3. Key Features * **Tactile Feedback:** Provides a distinct "click" feel and audible sound when pressed, confirming the connection to the user. * **RoHS Compliant:** The "-R" suffix at the end generally signifies that the part is **RoHS compliant** (Restriction of Hazardous Substances), meaning it is lead-free. * **Durability:** Designed for high-frequency use in consumer electronics. --- ### 4. Common Applications Due to its small form factor and reliability, the 10TS-2B6-R is found in: 1. **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets. 2. **Home Appliances:** Control panels for microwaves, washing machines, or coffee makers. 3. **Industrial:** Reset buttons on PCBs and interface controllers. 4. **Automotive:** Dashboard controls and key fobs. --- ### 5. Wiring Diagram (Typical) Most tactile switches have 4 pins. Internally, pins are connected in pairs. ```text Pin 1 ---[ Switch ]--- Pin 3 | Pin 2 ---[ ]--- Pin 4 (Note: Pins 1 & 2 are usually connected internally, as are Pins 3 & 4.) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact height of the B6 actuator for this specific model?
    • ⤷ Can this switch be used in high-current applications?
    • ⤷ What are the recommended soldering temperatures for the 10TS-2B6-R?