Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 12000-R

  • AI
    The **12000-R** typically refers to a high-capacity industrial or off-road **Electric Recovery Winch** (rated for 12,000 lbs). These units rely on a combination of high-current electrical components and mechanical gear reduction to operate. --- ### Key Electronic & Electrical Components Below is a breakdown of the primary electronic parts found in a standard 12,000-lb winch system: | Component | Function | Description | | :--- | :--- | :--- | | **Series Wound Motor** | Power Source | A high-torque DC motor (usually 6.0 - 6.6 HP) that converts electrical energy into mechanical rotation. | | **Control Solenoid / Relay** | Switching | A heavy-duty electromagnetic switch that directs high-amperage current from the battery to the motor. | | **Wired Remote Control** | User Interface | A handheld controller (usually with a 12ft cable) that allows the user to trigger "In" or "Out" functions. | | **Wireless Receiver** | Remote Signal | Many "R" models include a PCB-based receiver to allow operation via a radio-frequency (RF) remote. | | **Circuit Breaker** | Protection | A safety device that trips if the current draw exceeds safe limits to prevent motor burnout or fire. | | **Bus Bars / Cables** | Transmission | Thick copper wiring (usually 2-gauge or 0-gauge) required to handle 400+ Amps under full load. | --- ### Technical Specifications (Typical) When analyzing the electronics of a 12,000-R unit, the following electrical values are standard: * **Input Voltage:** 12V DC (Standard vehicle battery). * **Max Current Draw:** ~450 Amps at full 12,000 lb load. * **Duty Cycle:** Intermittent (Electronic thermal protection may shut the unit down if it overheats). * **Control Type:** Solenoid Box (All-in-one waterproof housing). --- ### Internal Wiring Logic The wiring follows a H-Bridge style logic implemented through the solenoid to reverse the polarity of the motor, allowing it to spin in both directions. ```mermaid graph LR A[Battery 12V] --> B[Solenoid Box] C[Remote Control] --> B B --> D[Motor Terminal A] B --> E[Motor Terminal B] F[Chassis Ground] --- D ``` --- ### Common Maintenance for Electronic Parts 1. **Corrosion Check:** Ensure the terminals on the solenoid are free of oxidation, as 12V systems are highly sensitive to resistance. 2. **Battery Health:** A 12,000-R winch requires a battery with at least 650 Cold Cranking Amps (CCA) to function under load. 3. **Sealing:** Ensure the control box gaskets are intact to prevent moisture from shorting the internal PCB or relays.
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing winch solenoid?
    • ⤷ How do I wire a wireless remote receiver to a 12000-R winch?
    • ⤷ What gauge wire is recommended for a 12
    • ⤷000 lb winch installation?