AI

The **1306F-R27K** is a specific model of an **SMD (Surface Mount Device) Power Inductor**. These components are essential in power management circuits for filtering, energy storage, and impedance matching.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Technical Specifications
The part number follows a standard nomenclature for fixed inductors. Here are the primary technical parameters:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.27 µH (Microhenries) |
| **Tolerance** | ±10% (Indicated by the 'K' suffix) |
| **Component Type** | Unshielded or Semi-shielded Drum Core Inductor |
| **Mounting Type** | SMD (Surface Mount) |
| **Package Size** | 1306 Series (Approx. 13mm x 9mm footprint) |
---
### 2. Breakdown of the Part Number
To understand the component, we can deconstruct the code **1306F-R27K**:
* **1306**: Represents the physical dimensions. Usually, this means a length/width profile of approximately 13.0mm x 9.4mm (though heights can vary).
* **F**: Often denotes the series type or lead-free (RoHS compliant) status depending on the manufacturer (such as Delevan or Bourns).
* **R27**: This is the inductance value. The "R" acts as a decimal point. Therefore, R27 = **0.27 µH**.
* **K**: This is the tolerance code. K represents **±10%**.
---
### 3. Key Electronic Functions
The 1306F-R27K serves several critical roles in a circuit:
1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Noise Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency alternating current (AC) noise.
3. **Current Smoothing:** It prevents rapid changes in current, ensuring a stable output for sensitive components like CPUs or FPGAs.
---
### 4. Common Applications
Due to its relatively low inductance (0.27 µH) and large physical size, this inductor is typically used in **high-current** environments:
* **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards.
* **Switching Power Supplies:** Used in industrial and consumer electronics.
* **DC-DC Converters:** For stepping down voltage in automotive or telecommunication equipment.
* **Output Chokes:** In high-frequency power conversion systems.
---
### 5. Physical Characteristics
* **Core Material:** Usually Ferrite, which provides high permeability and low core losses at high frequencies.
* **Terminations:** Solder-plated copper pads for reflow soldering.
* **Operating Temperature:** Typically rated between **-40°C to +125°C**, making it suitable for industrial use.
- ⤷
What is the maximum current rating (Saturation Current) for the 1306F-R27K?
- ⤷ How does an unshielded inductor differ from a shielded one in terms of EMI?
- ⤷ What are the recommended alternatives if this specific part is out of stock?