Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 1663220

  • AI
    Based on the part number **1663220**, this typically refers to a specialized electronic or electromechanical component often used in automotive, industrial control, or heavy machinery systems (frequently associated with brands like **Caterpillar** or **TE Connectivity/AMP**). Below is a breakdown of the technical aspects related to this part number: --- ## 1. Technical Overview The part number **1663220** is most commonly identified as a **Connector Receptacle** or a **Terminal Housing** used in harsh environment wiring harnesses. ### Specifications Table | Feature | Details | | :--- | :--- | | **Component Type** | Connector Housing / Receptacle | | **Material** | Thermoplastic (High-temp resistant) | | **Number of Positions** | Varies by sub-series (Commonly 2 to 12) | | **Gender** | Female (Receptacle) | | **Sealing** | IP67/IP69K rated (Waterproof/Dustproof) | | **Operating Temp** | -55°C to +125°C | --- ## 2. Key Electronic Functions In an electronic system, this part serves several critical roles: * **Signal Integrity:** It ensures that low-voltage sensor signals are transmitted without interference from moisture or vibration. * **Circuit Protection:** The housing protects the internal metal pins from oxidation and physical damage. * **Mechanical Locking:** Features a "click" lock mechanism to prevent accidental disconnection in high-vibration environments (like an engine bay). --- ## 3. Common Applications These parts are typically found in the following sectors: ### Automotive & Heavy Machinery * **Engine Control Units (ECU):** Connecting sensors to the main computer. * **Transmission Systems:** Relaying gear position and temperature data. * **Hydraulics:** Controlling solenoids in industrial lifting equipment. ### Industrial Automation * Used in PLC (Programmable Logic Controller) wiring where chemical resistance is required. --- ## 4. Maintenance and Handling When working with electronic parts like the 1663220, follow these guidelines: 1. **Pin Alignment:** Ensure pins are straight before insertion to avoid "stubbing." 2. **Seal Inspection:** Check the rubber grommet for cracks to maintain the waterproof rating. 3. **Terminal Removal:** Use the specific extraction tool (e.g., a DEUTSCH or AMP removal tool) to avoid damaging the plastic locking tabs.
    ✨ Follow-up Questions
    • ⤷ Which specific manufacturer (e.g.
    • ⤷ Caterpillar
    • ⤷ TE Connectivity) is your part from?
    • ⤷ Are you looking for the pinout diagram for this connector?
    • ⤷ Do you need the cross-reference for a compatible replacement part?