Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 18AS2-02-R

  • AI
    The **18AS2-02-R** is a specific electronic component typically identified as a **fixed attenuator**, often used in Radio Frequency (RF) and microwave applications. It is part of a series designed to reduce the power of a signal without significantly distorting its waveform. ### 1. Technical Specifications Below are the typical characteristics associated with this part number: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Coaxial Attenuator | | **Frequency Range** | DC to 18 GHz | | **Attenuation Value** | 2 dB | | **Impedance** | 50 Ohms | | **Connector Type** | SMA (Male/Female) | | **Power Rating** | 2 Watts (Average) | | **VSWR** | ≤ 1.35:1 (Frequency dependent) | --- ### 2. Key Features and Materials * **Precision Accuracy:** The "02" in the part number signifies a 2 dB reduction. These parts are calibrated to maintain high accuracy across the entire frequency spectrum (up to 18 GHz). * **Durability:** Usually constructed with a stainless steel body and gold-plated beryllium copper contacts to ensure signal integrity and resistance to corrosion. * **Bidirectional:** Most SMA fixed attenuators of this type can handle signal flow in either direction. * **RoHS Compliant:** The "-R" suffix generally indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. --- ### 3. Common Applications Fixed attenuators like the 18AS2-02-R are used in several critical scenarios: 1. **Level Control:** Reducing signal levels to match the input requirements of sensitive equipment (like spectrum analyzers) to prevent "clipping" or damage. 2. **Impedance Matching:** Placed between components to improve the impedance match (lower the VSWR) between a source and a load. 3. **Isolation:** Providing isolation between different stages of an RF circuit to prevent unwanted feedback. --- ### 4. Circuit Symbol Representation In a schematic diagram, a fixed attenuator is represented as a "Pi" or "T" network of resistors: ```text ---[R1]--- IN ---| |--- OUT --[R2]-- | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fixed attenuator and a variable attenuator?
    • ⤷ How does VSWR affect the performance of this component in high-frequency circuits?
    • ⤷ Can this part handle peak power pulses higher than 2 Watts?