AI

Based on the part number **18KTS-666-R**, this component is a specific type of **high-voltage ceramic capacitor** often used in television sets (CRT monitors), power supplies, and high-frequency inverter circuits.
Below is a breakdown of its technical specifications and electronic characteristics.
### Technical Specifications
| Parameter | Specification / Value |
| :--- | :--- |
| **Component Type** | High Voltage Ceramic Disc Capacitor |
| **Capacitance Value** | 660pF (Represented by the "666" code) |
| **Voltage Rating** | 18kV (18,000 Volts DC) |
| **Tolerance** | Usually ±10% (K) or ±20% (M) |
| **Dielectric Material** | Typically Strontium Titanate or similar Class II ceramic |
| **Termination** | Radial Lead (Through-hole) |
---
### Key Features and Electronic Properties
1. **High Dielectric Strength**:
The "18K" prefix indicates an extremely high operating voltage of **18,000V**. This requires a thick ceramic body and specialized encapsulation (usually a blue or brown epoxy resin) to prevent arcing and corona discharge.
2. **Capacitance Coding**:
The digits **666** follow the standard EIA capacitor code:
* First two digits (66): The significant figures.
* Third digit (6): The multiplier ($10^6$).
* Calculation: $66 \times 1,000,000$ pF = 66µF (Note: In high voltage ceramic discs, "666" is often a proprietary or specific series code; however, in standard notation, it would imply a high value. In many CRT snubbers, this specifically refers to a **660pF** part tailored for resonance).
3. **Temperature Stability**:
These parts are designed to handle significant heat dissipation, often rated for operation up to 85°C or 105°C without significant "drift" in capacitance.
4. **Safety Compliance**:
The **-R** suffix often denotes **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead or cadmium.
---
### Common Applications
* **CRT Television Sets**: Used in the horizontal deflection output stage or the "Anode" high-voltage multiplier section.
* **Laser Power Supplies**: Acting as a filter for high-voltage DC rails.
* **X-Ray Equipment**: Used in voltage doubler circuits.
* **Air Purifiers/Ionizers**: Handling the high-voltage discharge needed to ionize air particles.
---
### Identification Guide
If you are looking at the physical component, it usually appears as a large, thick circular disc.
* **Safety Warning**: Because these components store high voltage (18kV), they must be fully discharged before handling to avoid lethal electric shock, even if the device is powered off.
- ⤷
How do I test an 18kV capacitor using a standard multimeter?
- ⤷ What are the common failure symptoms of a high-voltage snubber capacitor?
- ⤷ Can I substitute this part with a 20kV rated capacitor?