Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 1MD06-059-05

  • AI
    The part number **1MD06-059-05** typically refers to a high-performance **Thermoelectric Cooler (TEC)** or **Peltier Module**, often manufactured by companies like *II-VI Marlow* (now Coherent) or similar specialized thermal management firms. These components are used for precise temperature control in optoelectronics and medical devices. --- ### 1. Technical Specifications The "1MD06" series is generally categorized as a miniature, single-stage module designed for high heat pumping density. | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Single-Stage Thermoelectric Module | | **Material** | Bismuth Telluride ($Bi_2Te_3$) | | **Couples** | 59 Couples (indicated by the "-059-" in the part number) | | **Current ($I_{max}$)** | Approx. 3.0A - 4.0A (varies by specific height) | | **Voltage ($V_{max}$)** | Approx. 7.0V - 8.5V | | **$\Delta T_{max}$** | ~65°C to 70°C (in vacuum) | | **Surface Finish** | Typically Alumina Ceramic ($Al_2O_3$) | --- ### 2. Component Construction * **Ceramic Substrates:** The top and bottom plates are made of ceramic, providing electrical insulation while remaining thermally conductive. * **P-N Junctions:** Inside are pellets of P-type and N-type semiconductor material connected in series electrically and in parallel thermally. * **Metallization:** The "-05" suffix often denotes a specific exterior finish, such as gold-plated headers or specific lead-wire configurations for soldering into a TO-can or butterfly package. --- ### 3. Key Applications Because of its small footprint and precise cooling capacity, this part is commonly found in: 1. **Laser Diode Cooling:** Stabilizing the wavelength of telecommunication lasers. 2. **Infrared Sensors:** Reducing thermal noise in IR detectors. 3. **Laboratory Equipment:** Precise temperature cycling in PCR or microfluidic chips. 4. **CCD Cameras:** Cooling imaging sensors for long-exposure astronomical photography. --- ### 4. Operational Principles (The Peltier Effect) When a DC current flows through the **1MD06-059-05**, heat is moved from one side of the device to the other. * **Cooling Mode:** One face becomes cold while the other becomes hot. * **Heating Mode:** By reversing the polarity of the DC current, the heat flow direction is reversed. * **Pro-Tip:** Always use a heat sink on the "hot side." Without one, the module will overheat and fail within seconds. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum cooling capacity (Qmax) for this specific TEC module?
    • ⤷ How do I calculate the required power supply for a 59-couple Peltier device?
    • ⤷ What are the mounting recommendations to prevent mechanical stress on the ceramic plates?