213-R
AI

The **213-R** (often associated with the prefix **S-213-R** or specific series by manufacturers like *Pomona Electronics* or *TE Connectivity*) typically refers to specialized high-quality connectors or hardware components used in RF (Radio Frequency) and testing environments.
Below is a breakdown of the technical aspects of these electronic parts, specifically focusing on the most common industry standard: the **N-Type Female Bulkhead Connector**.
---
## 1. Technical Specifications
The "213-R" series components are generally designed for high-performance signal transmission.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Connector Type** | N-Type (Female) |
| **Impedance** | 50 Ohms |
| **Body Material** | Brass (Nickel or Silver plated) |
| **Insulator** | PTFE (Teflon) |
| **Contact Pin** | Phosphor Bronze or Beryllium Copper (Gold Plated) |
| **Operating Frequency** | DC to 11 GHz (varies by sub-model) |
---
## 2. Key Components of the Part
The 213-R assembly consists of several electronic sub-parts:
1. **The Shell (Body):** Made of durable metal to provide RF shielding and grounding. The "R" often signifies a "Rear Mount" or "Recessed" configuration for bulkhead mounting.
2. **Internal Dielectric:** Usually a PTFE (Teflon) cylinder that maintains the distance between the center conductor and the outer shield to ensure constant impedance.
3. **Center Contact:** The "female" socket that accepts the male pin. Gold plating is used here to minimize signal loss and prevent oxidation.
4. **Hardware Kit:** Includes a lock washer and a hex nut to secure the part to a chassis or panel.
---
## 3. Common Applications
These parts are critical in environments where signal integrity is paramount:
* **Telecommunications:** Base stations and antenna systems.
* **Testing Equipment:** Oscilloscopes and Signal Generators that require 50-ohm terminations.
* **Aerospace:** High-vibration environments requiring secure threaded connections.
* **Cabling:** Often paired with **RG-213** coaxial cables (hence the naming convention) for high-power RF transmission.
---
## 4. Installation Example
When integrating a 213-R part into a circuit, it is often mounted through a panel. Here is a conceptual representation of how it is addressed in a bill of materials (BOM):
```json
{
"PartNumber": "213-R",
"Category": "Connectors/Interconnects",
"SubCategory": "Coaxial Connectors (RF)",
"MountingType": "Panel Mount, Bulkhead - Front Nut",
"FasteningType": "Threaded (N-Type)"
}
```
- ⤷What is the difference between RG-213 and RG-8 cables when used with these connectors?
- ⤷ How does silver plating compare to nickel plating in 213-R components?
- ⤷ Can 213-R connectors be used for 75-ohm video signals?