Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 2AB2

  • AI
    The term **2AB2** typically refers to a specific model designation within electronic component families, most commonly associated with **Bluetooth Low Energy (BLE) Modules** (such as those from Murata) or high-frequency **Vacuum Tubes** in vintage electronics. Below is an analysis of the two most common contexts for "2AB2". --- ## 1. Murata Type 2AB (Bluetooth LE Module) In modern electronics, the **Type 2AB** (often labeled as LBEE5HY2AB) is a highly integrated ultra-small module designed for IoT applications. ### Key Specifications | Feature | Details | | :--- | :--- | | **Connectivity** | Bluetooth 5.2 Low Energy (BLE) & Ultra-Wideband (UWB) | | **Chipset** | Qorvo QM33120 / Nordic nRF52840 | | **Antenna** | Integrated or external options | | **Power Consumption** | Ultra-low (optimized for battery-powered devices) | | **Interface** | UART, SPI, I2C, GPIO | ### Common Applications * **Asset Tracking:** Using UWB for centimeter-level accuracy. * **Smart Home:** Low-power sensors and controllers. * **Wearables:** Compact size allows for integration in small devices. --- ## 2. 2AB2 Vacuum Tube (Vintage Electronics) In historical electronics, the **2AB2** is a specialized high-voltage diode (rectifier) used primarily in television sets and high-frequency equipment. ### Technical Characteristics | Parameter | Specification | | :--- | :--- | | **Type** | High-Voltage Power Rectifier | | **Filament Voltage** | 2.5 Volts | | **Peak Inverse Voltage** | Approx. 30,000 Volts | | **Base Type** | Novar (9-pin) | --- ## 3. Comparison of Electronic Categories If you are designing a circuit, it is vital to distinguish between these two "2AB" components: ### Structural Differences * **The Module (Type 2AB):** A surface-mount device (SMD) containing microchips, capacitors, and crystals on a PCB. * **The Tube (2AB2):** A glass-encapsulated vacuum chamber used for high-voltage rectification. --- ### Implementation Code Example (BLE Module) If you are working with the **Murata 2AB** (Nordic-based), you would typically interact with it using C or Python (CircuitPython). Here is a conceptual snippet for initializing a BLE scan: ```python import bluetooth # Initialize the BLE radio ble = bluetooth.BLE() ble.active(True) def on_scan(addr_type, addr, adv_type, rssi, adv_data): print(f"Device found: {addr}, RSSI: {rssi}") # Start scanning for nearby devices ble.gap_scan(2000, 30000, 30000) ```
    ✨ Follow-up Questions
    • ⤷Are you looking for the Murata UWB/BLE module datasheet?
    • ⤷ How do I interface the 2AB2 vacuum tube in a high-voltage circuit?
    • ⤷ What are the pinout differences for the Type 2AB SMD module?