Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 2AB3

  • AI
    The **2AB3** is a specialized electronic component, specifically a **high-voltage vacuum tube diode**. It was historically used in early television sets and high-voltage power supply circuits. --- ### 1. Technical Specifications The 2AB3 is designed primarily for use as a high-voltage rectifier. Below are its key electrical characteristics: | Property | Value/Description | | :--- | :--- | | **Component Type** | Vacuum Tube Diode (Rectifier) | | **Filament Voltage** | 2.5 Volts | | **Filament Current** | 1.75 Amperes | | **Max Peak Inverse Voltage (PIV)** | 30,000 Volts (30 kV) | | **Max Average Plate Current** | 1.5 mA | | **Base Type** | Novar (9-pin) | --- ### 2. Functional Role The primary function of the 2AB3 tube was to act as a **Half-Wave Rectifier** in the high-voltage (EHT) sections of television receivers. * **AC to DC Conversion:** It converted high-voltage pulses from the flyback transformer into a steady DC voltage. * **Anode Voltage Supply:** This DC voltage was then used to supply the anode (the "picture tube" or CRT), allowing the electron beam to strike the phosphor screen. * **Insulation:** Its physical construction was designed to prevent "arcing" (electrical sparks jumping through the air) despite the extreme voltages present. --- ### 3. Key Components & Construction The internal structure of the 2AB3 is relatively simple but highly robust: 1. **Filament/Cathode:** A heater wire that, when energized with 2.5V, releases electrons via thermionic emission. 2. **Anode (Plate):** Usually connected to a top cap on the tube to maximize physical distance from other pins, preventing high-voltage discharge. 3. **Envelope:** A thick glass bulb under high vacuum to allow electrons to travel without hitting air molecules. ### 4. Comparison with Modern Components In modern electronics, the 2AB3 is obsolete. It has been replaced by **Silicon High-Voltage Diodes**. * **Heat:** The 2AB3 generated significant heat; silicon diodes do not. * **Size:** The tube is large; modern diodes are smaller than a fingernail. * **X-Rays:** Vacuum tubes operating at very high voltages can emit trace amounts of X-rays; solid-state diodes do not have this risk. ---
    ✨ Follow-up Questions
    • ⤷What are the safety risks when handling high-voltage tubes like the 2AB3?
    • ⤷ Why was the filament voltage set to 2.5V instead of the standard 6.3V?
    • ⤷ How does a flyback transformer work in conjunction with this tube?