Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 3AG8-R

  • AI
    ### Technical Overview of the 3AG8-R The **3AG8-R** is a specific type of electronic component, primarily recognized as a **Fast-Acting Glass Tube Fuse**. The alphanumeric code identifies its physical size (3AG), its current/voltage characteristics, and its compliance with environmental standards (R). --- ### 1. Component Specifications The following table outlines the general technical parameters typical for a 3AG8-R fuse: | Feature | Specification | | :--- | :--- | | **Series** | 3AG (Industry standard for 1/4" x 1-1/4" fuses) | | **Material** | Glass Body, Nickel-plated Brass Caps | | **Response Characteristic** | Fast-Acting / Fast Blow (F) | | **Current Rating** | 8 Amperes (8A) | | **Voltage Rating** | 250V AC (Standard) | | **Suffix "R"** | RoHS Compliant (Lead-free) | | **Physical Dimensions** | 6.35mm x 31.75mm (0.25" x 1.25") | --- ### 2. Key Characteristics #### A. Fast-Acting Mechanism Unlike "Slow-Blow" fuses, the 3AG8-R is designed to open (blow) almost instantly when the current exceeds 8A. This protects sensitive electronic components that cannot withstand even brief surges. #### B. The 3AG Standard The "3AG" designation refers to the physical form factor. It is the most common size for glass fuses in North America. * **Diameter:** 1/4 inch * **Length:** 1-1/4 inches #### C. RoHS Compliance (The "-R") The "R" suffix indicates that the part meets the **Restriction of Hazardous Substances** directive. This means it is manufactured without lead, mercury, cadmium, and other hazardous materials. --- ### 3. Applications These fuses are widely used in various electronic and electrical circuits: * **Consumer Electronics:** Power supplies for desktop computers and older television sets. * **Industrial Equipment:** Control panels and testing instruments. * **Automotive:** Older vehicle electrical systems and aftermarket audio amplifiers. * **Appliances:** Internal protection for microwave ovens and small kitchen appliances. --- ### 4. Circuit Symbol and Usage In a schematic diagram, the 3AG8-R is represented by the standard fuse symbol. ```text F1 (8A) ---[ ~~~~~~~ ]--- 3AG8-R ``` **Installation Note:** Always ensure the power is disconnected before replacing a 3AG8-R. Replacing a fast-acting fuse with a slow-blow fuse of the same rating can lead to equipment damage, as the slow-blow fuse may not react fast enough to a short circuit.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 3AG and a 3AB fuse?
    • ⤷ Can I replace a 3AG8-R with a 10A fuse if I don't have an 8A one?
    • ⤷ How do I test if a 3AG8-R fuse is blown using a multimeter?