Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 47LT-141YR-R

  • AI
    The part number **47LT-141YR-R** typically refers to a **Gas Discharge Tube (GDT)**, which is a specialized electronic component used for overvoltage protection. These devices are designed to protect sensitive equipment from high-voltage transients such as lightning strikes or industrial power surges. --- ### ## Technical Specifications Below is a breakdown of the typical characteristics for this specific series of GDT components: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) | | **DC Spark-over Voltage** | 140V (±20%) | | **Impulse Discharge Current** | 10kA - 20kA (8/20μs) | | **Insulation Resistance** | > 1 GΩ | | **Capacitance** | < 1.0 pF | | **Mounting Type** | Surface Mount (SMD) / Radial Lead | | **RoHS Status** | Compliant (-R suffix) | --- ### ## Internal Mechanism A GDT consists of two or more electrodes separated by a small gap filled with a noble gas (such as Neon or Argon). 1. **High Impedance State:** Under normal operating voltages, the gas acts as an insulator, and the device remains "off." 2. **Ionization:** When a voltage surge exceeds the "Spark-over" threshold (140V for this model), the gas ionizes and becomes a highly conductive plasma. 3. **Crowbar Effect:** The GDT turns into a virtual short circuit, shunting the excess current to the ground and protecting the downstream circuitry. 4. **Reset:** Once the surge passes and the voltage drops below the "holdover" level, the gas de-ionizes, and the device returns to its high-impedance state. --- ### ## Key Features and Applications #### **Features** * **Low Capacitance:** Because the capacitance is extremely low (<1pF), it does not distort high-frequency signals. * **High Current Handling:** Capable of absorbing very high energy surges compared to TVS diodes. * **Fast Response:** Modern GDTs respond to transients in nanoseconds. #### **Common Applications** * **Telecommunications:** Protection for ADSL/VDSL lines and modems. * **Power Supplies:** Input protection for AC/DC converters. * **Networking:** Protection for Ethernet ports and outdoor wireless equipment. * **Industrial:** Protection for RS-485 and CAN bus interfaces. --- ### ## Deciphering the Part Number While naming conventions vary by manufacturer (such as Littelfuse or Bourns), the code generally breaks down as follows: * **47L/LT:** Series designation (often indicating physical size/shape). * **141:** Voltage rating (140V). * **Y/R:** Configuration or tolerance indicators. * **-R:** Generally indicates RoHS compliance or Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷What are the differences between a GDT and a TVS diode for surge protection?
    • ⤷ How do I calculate the appropriate spark-over voltage for my circuit?
    • ⤷ Can a GDT be used in series with a Varistor (MOV)?