Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 54MS

  • AI
    The term **54MS** (often seen as part of a longer prefix like **SN54MS** or **54MSxx**) typically refers to a specific series or classification of logic gates or integrated circuits (ICs) designed for high-performance and military-grade applications. Below is a detailed breakdown of the components, specifications, and the nomenclature surrounding these electronic parts. --- ## 1. Nomenclature Breakdown In the electronics industry (specifically regarding Texas Instruments and similar manufacturers), the alphanumeric code identifies the following characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **54** | Military Grade | Indicates the device operates in a wide temperature range (-55°C to 125°C). | | **MS** | Sub-family | Refers to specific logic technologies (often High-Speed CMOS or specialized logic). | | **(Number)** | Logic Function | e.g., 00 (NAND), 04 (Inverter), 74 (Flip-Flop). | --- ## 2. Key Technical Specifications Electronic parts in the 54 series are built to much stricter standards than the standard commercial **74 series**. ### A. Temperature Range Unlike standard consumer electronics, these parts are designed to survive extreme environments: * **Operating Range:** -55°C to +125°C. * **Storage Range:** Up to 150°C. ### B. Packaging These parts usually come in specialized packages to handle heat and physical stress: * **CDIP:** Ceramic Dual In-Line Package. * **LCCC:** Leadless Ceramic Chip Carrier. * **CFP:** Ceramic Flat Pack. ### C. Electrical Characteristics * **Supply Voltage ($V_{CC}$):** Usually spans from 2V to 6V for CMOS-based MS parts. * **Noise Immunity:** High resistance to electromagnetic interference (EMI). * **Power Consumption:** Generally very low static power consumption. --- ## 3. Comparison: 54MS vs. 74MS The primary difference lies in the reliability testing and environmental tolerance. | Feature | 54MS Series | 74MS Series | | :--- | :--- | :--- | | **Application** | Military, Aerospace, Space | Commercial, Industrial, PC | | **Temp Range** | -55°C to 125°C | 0°C to 70°C (or -40°C to 85°C) | | **Reliability** | MIL-STD-883 Compliant | Standard JEDEC | | **Cost** | High | Low | --- ## 4. Typical Applications Because of their high cost and extreme durability, these parts are not found in everyday gadgets. They are used in: 1. **Avionics:** Flight control systems and cockpit displays. 2. **Satellites:** Deep space probes where temperature fluctuations are extreme. 3. **Defense:** Missile guidance systems and secure communication hardware. 4. **Deep-Sea Exploration:** Equipment subjected to high pressure and varying thermal states. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between 54MS and 54LS series logic?
    • ⤷ How do I identify a 54MS part on a circuit board?
    • ⤷ Are 54MS parts compatible with modern 3.3V microcontrollers?