Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 5ET1-R

  • AI
    ## Overview of the 5ET1-R The **5ET1-R** is a specific electronic component, typically categorized as a **High-Voltage, Fast-Acting Subminiature Fuse**. It is widely used in power supplies, industrial controllers, and consumer electronics to protect sensitive circuitry against overcurrent events. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the 5ET1-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Cartridge Fuse (Subminiature) | | **Current Rating** | 1A (Typical for '1' designation) | | **Voltage Rating** | 250V AC | | **Fuse Speed** | T (Time-Lag / Slow-Blow) | | **Breaking Capacity** | 35A or 10x Rated Current | | **Dimensions** | 5mm x 20mm | | **Mounting Type** | Holder / Clip / Through-hole (with leads) | | **Standard Compliance** | IEC 60127-2 | --- ### Internal Electronic Parts & Construction Although it appears as a simple cylinder, the 5ET1-R consists of several engineered parts designed to react to specific thermal conditions: 1. **Fuse Element (Wire):** The core component, usually made of a tin-alloy or copper with a "M-effect" drop. In the "T" (Time-Lag) version, the wire is often coiled or thicker to allow for temporary inrush currents without blowing. 2. **Glass or Ceramic Tube:** The body provides insulation and contains the energy released during a fault. 3. **End Caps:** Made of nickel-plated brass, these ensure low-resistance electrical contact between the circuit and the fuse element. 4. **Arc Quenching Filler:** Some high-voltage variants contain silica sand to extinguish the electrical arc formed when the fuse blows. --- ### Functionality in a Circuit * **Overcurrent Protection:** If the current exceeds 1A (for the 1-R model) for a sustained period, the internal element melts, breaking the circuit. * **Surge Tolerance:** Because it is a "Time-Lag" (Slow-Blow) fuse, it can handle short-duration spikes (like a motor starting up) without failing, unlike "Fast-Acting" (F) fuses. * **RoHS Compliance:** The "-R" suffix usually denotes **RoHS Compliance**, meaning the part is manufactured without lead or other hazardous substances. --- ### Common Applications * **Power Strips:** Protecting against short circuits. * **AC Adapters:** Safeguarding internal transformers. * **LED Drivers:** Preventing catastrophic failure due to component degradation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5ET1-R and a fast-acting 5EF series fuse?
    • ⤷ Can a 5ET1-R fuse be replaced with a higher amperage fuse in a pinch?
    • ⤷ How does the 'Time-Lag' mechanism physically work inside the fuse?