AI

The **5SF250-R** is a specific type of electronic component, most commonly categorized as a **Subminiature Surface Mount (SMD) Fuse**. It is part of the "5SF" series, typically manufactured by companies like Bel Fuse, designed for secondary circuit protection.
---
### 1. Technical Specifications
The "250" in the part number usually indicates the current rating (250mA), while the "R" often signifies RoHS compliance.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fast-Acting Fuse |
| **Current Rating** | 250 mA (0.25A) |
| **Voltage Rating** | 125V AC / DC (Typical) |
| **Package / Case** | 2410 (6125 Metric) or similar Brick style |
| **Interrupting Rating** | 50A @ 125V AC/DC |
| **Material** | Ceramic Body, Gold/Tin Plated Caps |
| **Compliance** | RoHS 6 Compliant, Halogen-Free |
---
### 2. Key Characteristics
#### A. Fast-Acting (Quick-Acting)
Unlike "Slow-Blow" fuses, the 5SF series is designed to open (blow) very quickly when an overcurrent condition occurs. This is critical for protecting sensitive semiconductor components that cannot withstand even brief surges.
#### B. Subminiature Design
The footprint is extremely small, making it ideal for dense Printed Circuit Board (PCB) layouts where vertical space is limited.
#### C. Surface Mount Technology (SMT)
It is designed for automated pick-and-place assembly and infrared/vapor phase reflow soldering.
---
### 3. Common Applications
Due to its low current rating and fast response time, the 5SF250-R is typically found in:
* **LCD Monitors & Backlight Inverters:** Protecting the low-power logic boards.
* **Medical Equipment:** Providing circuit isolation in diagnostic tools.
* **Telecommunications:** Protection for networking interfaces and line cards.
* **Power Supplies:** Used on the secondary side of AC/DC converters for fine-tuned protection.
---
### 4. Comparison: Fast-Acting vs. Time-Delay
It is important to ensure the "Fast-Acting" nature of the 5SF250-R matches your circuit requirements.
| Feature | 5SF250-R (Fast-Acting) | 5ST Series (Time-Delay) |
| :--- | :--- | :--- |
| **Response to 200% Overload** | < 5 seconds | > 10 seconds |
| **In-rush Tolerance** | Very Low | High |
| **Best For** | ICs, Logic Gates | Motors, Transformers |
---
- ⤷
What is the exact physical dimension of the 2410 package in millimeters?
- ⤷ Can a 250mA fuse be replaced by a 500mA fuse in a 5SF series circuit?
- ⤷ What are the soldering temperature profiles recommended for the 5SF250-R?